Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3402 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC3402
Description  Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC3402 Datasheet HTML 21Page - Linear Technology LTC3402 Datasheet HTML 22Page - Linear Technology LTC3402 Datasheet HTML 23Page - Linear Technology LTC3402 Datasheet HTML 24Page - Linear Technology LTC3402 Datasheet HTML 25Page - Linear Technology LTC3402 Datasheet HTML 26Page - Linear Technology LTC3402 Datasheet HTML 27Page - Linear Technology LTC3402 Datasheet HTML 28Page - Linear Technology LTC3402 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTC1871X
25
1871xf
For more information www.linear.com/LTC1871X
APPLICATIONS INFORMATION
It is worth noting here that SEPIC converters that operate
at high duty cycles (i.e., that develop a high output voltage
fromalowinputvoltage)canhaveveryhighinputcurrents,
relative to the output current. Be sure to check that the
maximum load current will not overload the input supply.
SEPIC Converter: Inductor Selection
For most SEPIC applications the equal inductor values
will fall in the range of 10µH to 100µH. Higher values will
reduce the input ripple voltage and reduce the core loss.
Lower inductor values are chosen to reduce physical size
and improve transient response.
Like the boost converter, the input current of the SEPIC
converter is calculated at full load current and minimum
inputvoltage.Thepeakinductorcurrentcanbesignificantly
higher than the output current, especially with smaller in-
ductors and lighter loads. The following formulas assume
CCM operation and calculate the maximum peak inductor
currents at minimum VIN:
IL1(PEAK) = 1+
χ
2
⎛
⎝⎜
⎞
⎠⎟
•IO(MAX) •
VO + VD
VIN(MIN)
IL2(PEAK) = 1+
χ
2
⎛
⎝⎜
⎞
⎠⎟
•IO(MAX) •
VIN(MIN) + VD
VIN(MIN)
The ripple current in the inductor is typically 20% to 40%
(i.e., a range of ‘
χ’ from 0.20 to 0.40) of the maximum
averageinputcurrentoccurringatVIN(MIN)andIO(MAX)and
∆IL1 = ∆IL2. Expressing this ripple current as a function of
the output current results in the following equations for
calculating the inductor value:
L =
VIN(MIN)
ΔIL • f
•DMAX
where:
Δ
IL = χ •IO(MAX) •
DMAX
1– DMAX
By making L1 = L2 and winding them on the same core,
the value of inductance in the equation above is replace
by 2L due to mutual inductance. Doing this maintains the
sameripplecurrentandenergystorageintheinductors.For
example, a Coiltronix CTX10-4 is a 10µH inductor with two
windings. With the windings in parallel, 10µH inductance
is obtained with a current rating of 4A (the number of
turns hasn’t changed, but the wire diameter has doubled).
Splitting the two windings creates two 10µH inductors
with a current rating of 2A each. Therefore, substituting
2L yields the following equation for coupled inductors:
L1=L2=
VIN(MIN)
2 • ΔIL • f
•DMAX
Specify the maximum inductor current to safely handle
IL(PK) specified in the equation above. The saturation
current rating for the inductor should be checked at the
minimum input voltage (which results in the highest
inductor current) and maximum output current.
SEPIC Converter: Power MOSFET Selection
ThepowerMOSFETservestwopurposesintheLTC1871X:
itrepresentsthemainswitchingelementinthepowerpath,
and its RDS(ON) represents the current sensing element
for the control loop. Important parameters for the power
MOSFET include the drain-to-source breakdown voltage
(BVDSS),thethresholdvoltage(VGS(TH)),theon-resistance
(RDS(ON))versusgate-to-sourcevoltage,thegate-to-source
and gate-to-drain charges (QGS and QGD, respectively),
the maximum drain current (ID(MAX)) and the MOSFET’s
thermal resistances (RTH(JC) and RTH(JA)).
Thegatedrivevoltageissetbythe5.2VINTVCClowdropout
regulator. Consequently, logic-level threshold MOSFETs
should be used in most LTC1871X applications. If low
input voltage operation is expected (e.g., supplying power
from a lithium-ion battery), then sublogic-level threshold
MOSFETs should be used.
The maximum voltage that the MOSFET switch must
sustain during the off-time in a SEPIC converter is equal
to the sum of the input and output voltages (VO + VIN).
As a result, careful attention must be paid to the BVDSS
specifications for the MOSFETs relative to the maximum
actual switch voltage in the application. Many logic-level
devices are limited to 30V or less. Check the switching
waveforms directly across the drain and source terminals
of the power MOSFET to ensure the VDS remains below
the maximum rating for the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com