Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3858-2 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3858-2
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3858-2 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3858-2 Datasheet HTML 12Page - Linear Technology LTC3858-2 Datasheet HTML 13Page - Linear Technology LTC3858-2 Datasheet HTML 14Page - Linear Technology LTC3858-2 Datasheet HTML 15Page - Linear Technology LTC3858-2 Datasheet HTML 16Page - Linear Technology LTC3858-2 Datasheet HTML 17Page - Linear Technology LTC3858-2 Datasheet HTML 18Page - Linear Technology LTC3858-2 Datasheet HTML 19Page - Linear Technology LTC3858-2 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
LTC3858-2
16
38582f
APPLICATIONS INFORMATION
Figure 3. Sense Lines Placement with Inductor or Sense Resistor
The Typical Application on the first page is a basic
LTC3858-2 application circuit. LTC3858-2 can be config-
ured to use either DCR (inductor resistance) sensing or low
value resistor sensing. The choice between the two current
sensing schemes is largely a design trade-off between
cost, power consumption and accuracy. DCR sensing
is becoming popular because it saves expensive current
sensing resistors and is more power efficient, especially
in high current applications. However, current sensing
resistors provide the most accurate current limits for the
controller. Other external component selection is driven
by the load requirement, and begins with the selection of
RSENSE (if RSENSE is used) and inductor value. Next, the
power MOSFETs and Schottky diodes are selected. Finally,
input and output capacitors are selected.
Current Limit Programming
The ILIMpinisatri-levellogicinputwhichsetsthemaximum
current limit of the converter. When ILIM is grounded, the
maximum current limit threshold voltage of the current
comparator is programmed to be 30mV. When ILIM is
floated, the maximum current limit threshold is 50mV.
When ILIM is tied to INTVCC, the maximum current limit
threshold is set to 75mV.
SENSE+ and SENSE– Pins
The SENSE+ and SENSE– pins are the inputs to the current
comparators. The common mode voltage range on these
pins is 0V to 28V (Abs Max), enabling the LTC3858-2 to
regulate output voltages up to a nominal 24V (allowing
plenty of margin for tolerances and transients).
The SENSE+ pin is high impedance over the full common
mode range, drawing at most ±1μA. This high impedance
allows the current comparators to be used in inductor
DCR sensing.
The impedance of the SENSE– pin changes depending on
the common mode voltage. When SENSE– is less than
INTVCC – 0.5V, a small current of less than 1μA flows out
of the pin. When SENSE– is above INTVCC + 0.5V, a higher
current (~550μA) flows into the pin. Between INTVCC –
0.5V and INTVCC + 0.5V, the current transitions from the
smaller current to the higher current.
Filter components mutual to the sense lines should be
placed close to the LTC3858-2, and the sense lines should
run close together to a Kelvin connection underneath the
current sense element (shown in Figure 3). Sensing cur-
rent elsewhere can effectively add parasitic inductance
and capacitance to the current sense element, degrading
the information at the sense terminals and making the
programmed current limit unpredictable. If inductor DCR
sensing is used (Figure 4b), resistor R1 should be placed
close to the switching node, to prevent noise from coupling
into sensitive small-signal nodes.
COUT
TO SENSE FILTER,
NEXT TO THE CONTROLLER
INDUCTOR OR RSENSE
3858 F03
Low Value Resistor Current Sensing
A typical sensing circuit using a discrete resistor is shown
in Figure 4a. RSENSE is chosen based on the required
output current.
The current comparator has a maximum threshold
VSENSE(MAX) determined by the ILIM setting. The current
comparator threshold voltage sets the peak of the induc-
tor current, yielding a maximum average output current,
IMAX, equal to the peak value less half the peak-to-peak
ripple current, ΔIL. To calculate the sense resistor value,
use the equation:
RSENSE =
VSENSE(MAX)
IMAX +
ΔIL
2
When using the controller in very low dropout conditions,
the maximum output current level will be reduced due to
the internal compensation required to meet stability cri-
terion for buck regulators operating at greater than 50%
duty factor. A curve is provided in the Typical Performance
Characteristics section to estimate this reduction in peak
output current depending upon the operating duty factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com