Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3883 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3883
Description  PolyPhase Step-Down Slave Controller for Digital Power System Management
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3883 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3883 Datasheet HTML 12Page - Linear Technology LTC3883 Datasheet HTML 13Page - Linear Technology LTC3883 Datasheet HTML 14Page - Linear Technology LTC3883 Datasheet HTML 15Page - Linear Technology LTC3883 Datasheet HTML 16Page - Linear Technology LTC3883 Datasheet HTML 17Page - Linear Technology LTC3883 Datasheet HTML 18Page - Linear Technology LTC3883 Datasheet HTML 19Page - Linear Technology LTC3883 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LTC3870
16
3870fb
For more information www.linear.com/LTC3870
applicaTions inForMaTion
4. Is the INTVCC bypassing capacitor connected close to
the IC, between the INTVCC and the power ground pins?
ThiscapacitorcarriestheMOSFETdriverscurrentpeaks.
Anadditional1µFceramiccapacitorplacedimmediately
next to the INTVCC and PGND pins can help improve
noise performance substantially.
5. Keep the switching nodes (SW1, SW0), top gate nodes
(TG1, TG0), and boost nodes (BOOST1, BOOST0) away
from sensitive small-signal nodes, especially from the
opposite channel’s current sensing feedback pins. All
of these nodes have very large and fast moving signals
and therefore should be kept on the “output side” of
the LTC3870 and occupy minimum PC trace area. If
DCR sensing is used, place the right resistor (Block
Diagram, “RC”) close to the switching node.
6. Use a modified “star ground” technique: a low imped-
ance, large copper area central grounding point on
the same side of the PC board as the input and output
capacitors with tie-ins for the bottom of the INTVCC
bypassingcapacitor,thebottomofthevoltagefeedback
resistive divider and the SGND pin of the IC.
PC Board Layout Debugging
Start with one controller at a time. It is helpful to use a DC-
50MHz current probe to monitor the current in the inductor
while testing the circuit. Monitor the output switching node
(SW pin) to synchronize the oscilloscope to the internal
oscillatorandprobetheactualoutputvoltageaswell.Check
for proper performance over the operating voltage and
current range expected in the application. The frequency
of operation should be maintained over the input voltage
rangedowntodropoutanduntiltheoutputloaddropsbelow
the low current operation threshold—typically 10% of the
maximum designed current level in Burst Mode operation.
Thedutycyclepercentageshouldbemaintainedfromcycle
tocycleinawell-designed,lownoisePCBimplementation.
Variation in the duty cycle at a sub-harmonic rate can sug-
gest noise pickup at the current or voltage sensing inputs
or inadequate loop compensation. Overcompensation of
the loop can be used to tame a poor PC layout if regulator
bandwidth optimization is not required. Only after each
controller is checked for its individual performance should
bothcontrollersbeturnedonatthesametime.Aparticularly
difficult region of operation is when one controller channel
is nearing its current comparator trip point when the other
channel is turning on its top MOSFET. This occurs around
50% duty cycle on either channel due to the phasing of
the internal clocks and may cause minor duty cycle jitter.
Reduce VIN from its nominal level to verify operation of
the regulator in dropout. Check the operation of the un-
dervoltage lockout circuit by further lowering VIN while
monitoring the outputs to verify operation.
Investigatewhetheranyproblemsexistonlyathigheroutput
currentsoronlyathigherinputvoltages.Ifproblemscoincide
with high input voltages and low output currents, look for
capacitive coupling between the BOOST, SW, TG, and pos-
sibly BG connections and the sensitive voltage and current
pins. The capacitor placed across the current sensing pins
needs to be placed immediately adjacent to the pins of the
IC.Thiscapacitorhelpstominimizetheeffectsofdifferential
noise injection due to high frequency capacitive coupling. If
problems are encountered with high current output loading
at lower input voltages, look for inductive coupling between
CIN, Schottky and the top MOSFET components to the
sensitive current and voltage sensing traces. In addition,
investigate common ground path voltage pickup between
these components and the SGND pin of the IC.
Design Example
As a design example using master chip LTC3880 and slave
chipLTC3870fora4-phasehighcurrentregulator,assume
VIN = 12V (nominal), VIN = 15V (maximum), VOUT = 1.0V,
IMAX = 100A, and f = 425kHz (see Typical Applications).
The master chip LTC3880 design can be found in the
LTC3880 data sheet Design Example section.
LTC3880's SYNC pin is connected to LTC3870's SYNC
pin and LTC3870's PHASMD is connected to LTC3870’s
INTVCC.
Slave chip LTC3870 should use the same inductor, power
MOSFET, CIN, and COUT as the master chip. DCR sensing
is also used for the slave chip.
LTC3870's ILIM pin is forced to 0V to match the master
chip's 50mV current limit. Both chips' VIN, VOUT, RUN,
ITH pins are connected together. LTC3880's GPIO pins are
connectedtoLTC3870'sFAULTpinssotheslavecontroller
will be disabled during fault conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com