Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3856 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3856
Description  Dual, 2-Phase, Synchronous Controller with Low Value DCR Sensing and Temperature Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3856 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3856 Datasheet HTML 17Page - Linear Technology LTC3856 Datasheet HTML 18Page - Linear Technology LTC3856 Datasheet HTML 19Page - Linear Technology LTC3856 Datasheet HTML 20Page - Linear Technology LTC3856 Datasheet HTML 21Page - Linear Technology LTC3856 Datasheet HTML 22Page - Linear Technology LTC3856 Datasheet HTML 23Page - Linear Technology LTC3856 Datasheet HTML 24Page - Linear Technology LTC3856 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
LTC3875
21
3875fb
For more information www.linear.com/LTC3875
APPLICATIONS INFORMATION
1. SettheTCOMP/ITEMPpinresistanceto23.33k at25°C.
With 30µA flowing out of the TCOMP/ITEMP pin, the
voltage on the TCOMP/ITEMP pin will be 0.7V at room
temperature. Current limit correction will occur for
inductor temperatures greater than 25°C.
2. Calculate the TCOMP/ITEMP pin resistance and the
maximuminductortemperaturewhichistypically100°C.
Use the following equations:
VITEMP100C =
0.7 –1.5
IMAX •DCR (Max)•
100°C– 25°C
(
)•0.4
100
VSENSE(MAX)
= 0.25V
Since VSENSE(MAX) = IMAX • DCR (Max):
RITEMP100C =
VITEMP100C
30µA
= 8.33k
where:
RITEMP100C = TCOMP/ITEMP pin resistance at 100°C.
VITEMP100C = TCOMP/ITEMP pin voltage at 100°C.
VSENSE(MAX) = Maximum current sense threshold at
room temperature.
IMAX = Maximum inductor peak current.
DCR (Max) = Maximum DCR value.
Calculate the values for the NTC network’s parallel and
series resistors, RP and RS. A simple method is to graph
the following RSversusRPequationswithRSonthey-axis
and RP on the x-axis.
RS = RITEMP25C – RNTC25C||RP
RS = RITEMP100C – RNTC100C||RP
Next, find the value of RP that satisfies both equations
which will be the point where the curves intersect. Once
RP is known, solve for RS.
The resistance of the NTC thermistor can be obtained
from the vendor’s data sheet either in the form of graphs,
tabulated data, or formulas. The approximate value for the
NTC thermistor for a given temperature can be calculated
from the following equation:
R =RO •exp B•
1
T +273
–
1
TO +273




where:
R = Resistance at temperature T, which is in degrees C.
RO = Resistance at temperature TO, typically 25°C.
B = B-constant of the thermistor.
Figure5showsatypicalresistancecurvefora100kthermis-
tor and the TCOMP/ITEMP pin network over temperature.
Starting values for the NTC compensation network are:
• NTC RO = 100k
• RS = 3.92k
• RP = 24.3k
But, the final values should be calculated using the above
equations and checked at 25°C and 100°C. After determin-
ing the components for the temperature compensation
network,checktheresultsbyplottingIMAXversusinductor
temperature using the following equations:
IDC(MAX) =
VSENSEMAX(ADJ) –
∆VSENSE
2
DCR(MAX) at 25°C• 1+ TL(MAX) –25°C
(
)• 0.4
100


where:
10000
1000
100
10
1
INDUCTOR TEMPERATURE (°C)
–40
0
40
–20
20
80
3875 F05
120
60
100
RITMP
RS = 20k
RP = 43.2k
100k NTC
THERMISTOR RESISTANCE
RO = 100k, TO = 25°C
B = 4334 for 25°C/100°C
Figure 5. Resistance Versus Temperature for
ITEMP Pin Network and the 100k NTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com