Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FCX10852 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCX10852
Description  ~16째 diffused spot beam optimized for LUXEON Rebel. Assembly with white holder.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCX10852 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCX10852 Datasheet HTML 1Page - Ledil, Inc. FCX10852 Datasheet HTML 2Page - Ledil, Inc. FCX10852 Datasheet HTML 3Page - Ledil, Inc. FCX10852 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FCX10852_RES-D
RES-D
~16° diffused spot beam optimized for LUXEON
Rebel. Assembly with white holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
12.9 mm
Fastening
tape
Colour
white
Box size
Box weight
0 kg
Quantity in Box
1980 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-B-B-D
Lens
PC
clear
ROSE-HLD-RE-WHT
Holder
PC
white
ROSE-TAPE
Tape
PU tape
black
Last update: 22/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FCX10852

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCX10851 LEDIL-FCX10851 Datasheet
2Mb / 4P
~30째 medium beam optimized for LUXEON Rebel. Assembly with white holder.
FCX10853 LEDIL-FCX10853 Datasheet
3Mb / 3P
~15째 smooth spot beam optimized for LUXEON Rebel. Assembly with white holder.
FCX10854 LEDIL-FCX10854 Datasheet
2Mb / 4P
~45째 x 15째 oval beam for LUXEON Rebel. Assembly with white holder.
FCX10855 LEDIL-FCX10855 Datasheet
2Mb / 4P
~50째 wide beam for LUXEON Rebel. Assembly with white holder.
FCX10856 LEDIL-FCX10856 Datasheet
1Mb / 4P
~11째 spot beam for LUXEON Rebel. Assembly with white holder.
More results

Similar Description - FCX10852

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10593 LEDIL-CA10593 Datasheet
1Mb / 4P
~16째 diffused spot beam optimized for Nichia NJSx036. Assembly with white holder.
CA10608 LEDIL-CA10608 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Nichia NS6x83. Assembly with white holder.
FA10300 LEDIL-FA10300_18 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10308 LEDIL-FA10308 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for LUXEON K2. Assembly with transparent holder.
FA12310 LEDIL-FA12310 Datasheet
2Mb / 4P
~16째 diffused spot beam designed for LUXEON Rebel ES. Assembly with holder and installation tape.
FCA10936 LEDIL-FCA10936 Datasheet
1Mb / 3P
~16째 diffused spot beam optimized for Nichia NJSx036. Assembly with white holder.
FCX10853 LEDIL-FCX10853 Datasheet
3Mb / 3P
~15째 smooth spot beam optimized for LUXEON Rebel. Assembly with white holder.
FCX10856 LEDIL-FCX10856 Datasheet
1Mb / 4P
~11째 spot beam for LUXEON Rebel. Assembly with white holder.
CX11359 LEDIL-CX11359 Datasheet
1Mb / 4P
~15째 diffused spot beam optimized for LUXEON Rebel
FA11209 LEDIL-FA11209 Datasheet
1Mb / 5P
~16째 diffused spot beam optimized for LUXEON Rebel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com