Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FCX11675 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCX11675
Description  ~60째 wide beam optimized for LUXEON Rebel. Assembly with white holder.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCX11675 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCX11675 Datasheet HTML 1Page - Ledil, Inc. FCX11675 Datasheet HTML 2Page - Ledil, Inc. FCX11675 Datasheet HTML 3Page - Ledil, Inc. FCX11675 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FCX11675_RES-WW
RES-WW
~60° wide beam optimized for LUXEON Rebel.
Assembly with white holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
12.9 mm
Fastening
tape
Colour
white
Box size
Box weight
0 kg
Quantity in Box
1980 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
NIS83-MX-W-V6
Lens
PC
clear
ROSE-HLD-RE-WHT
Holder
PC
white
ROSE-TAPE
Tape
PU tape
black
Last update: 22/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FCX11675

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX1147 ZETEX-FCX1147 Datasheet
74Kb / 3P
PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX1147A ZETEX-FCX1147A Datasheet
74Kb / 3P
PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Guangdong Kexin Industr...
FCX1147A KEXIN-FCX1147A Datasheet
52Kb / 2P
PNP Silicon Power Switching Transistor
logo
Diodes Incorporated
FCX1147A DIODES-FCX1147A Datasheet
92Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
DECEMBER 1998
logo
List of Unclassifed Man...
FCX1147A ETC2-FCX1147A Datasheet
92Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
More results

Similar Description - FCX11675

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA13180 LEDIL-CA13180 Datasheet
2Mb / 4P
~60째 x 40째 oval beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
FA10903 LEDIL-FA10903_18 Datasheet
1Mb / 4P
~60째 wide beam optimized for Nichia NS6x83. Assembly with white holder.
FA11211 LEDIL-FA11211_18 Datasheet
2Mb / 5P
~50째 wide beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
FCX10851 LEDIL-FCX10851 Datasheet
2Mb / 4P
~30째 medium beam optimized for LUXEON Rebel. Assembly with white holder.
FCX10852 LEDIL-FCX10852 Datasheet
1Mb / 4P
~16째 diffused spot beam optimized for LUXEON Rebel. Assembly with white holder.
FCX10853 LEDIL-FCX10853 Datasheet
3Mb / 3P
~15째 smooth spot beam optimized for LUXEON Rebel. Assembly with white holder.
FCX10855 LEDIL-FCX10855 Datasheet
2Mb / 4P
~50째 wide beam for LUXEON Rebel. Assembly with white holder.
FCX10856 LEDIL-FCX10856 Datasheet
1Mb / 4P
~11째 spot beam for LUXEON Rebel. Assembly with white holder.
FA15233 LEDIL-FA15233 Datasheet
5Mb / 5P
~60째 wide beam. Assembly with white holder.
CX12568 LEDIL-CX12568 Datasheet
1Mb / 4P
~40째 wide beam optimized for LUXEON Rebel.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com