Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN15388 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN15388
Description  Double asymmetric beam for wall washing and supermarket applications with holder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15388 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN15388 Datasheet HTML 1Page - Ledil, Inc. FN15388 Datasheet HTML 2Page - Ledil, Inc. FN15388 Datasheet HTML 3Page - Ledil, Inc. FN15388 Datasheet HTML 4Page - Ledil, Inc. FN15388 Datasheet HTML 5Page - Ledil, Inc. FN15388 Datasheet HTML 6Page - Ledil, Inc. FN15388 Datasheet HTML 7Page - Ledil, Inc. FN15388 Datasheet HTML 8Page - Ledil, Inc. FN15388 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PRODUCT
DATASHEET
FN15388_RONDA-ZT45
RONDA-ZT45
Double asymmetric beam for wall washing and
supermarket
applications
with
holder
A
compatible with 3rd party connectors from TE,
Bender+Wirth and IDEAL
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 69.9 mm
Height
15 mm
Fastening
socket
Colour
white
Box size
Box weight
0 kg
Quantity in Box
420 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
RONDA-ZT45
Lens
PMMA
clear
RONDA-HLD-A
Holder
PC
white
Last update: 25/05/2018
Subject to change without prior notice
Published: 03/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/14


Similar Part No. - FN15388

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15380 LEDIL-FN15380 Datasheet
10Mb / 13P
Asymmetric beam for wall washing with holder A compatible
FN15381 LEDIL-FN15381 Datasheet
11Mb / 12P
~90째 very wide beam with holder A compatible with 3rd party connectors from TE, Bender Wirth and IDEAL
FN15387 LEDIL-FN15387 Datasheet
14Mb / 13P
~60째 wide beam with holder A compatible with 3rd party connectors from TE, Bender Wirth and IDEAL
More results

Similar Description - FN15388

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15380 LEDIL-FN15380 Datasheet
10Mb / 13P
Asymmetric beam for wall washing with holder A compatible
FN15731 LEDIL-FN15731_18 Datasheet
9Mb / 9P
Asymmetric beam for wall washing with holder B compatible
FN15733 LEDIL-FN15733_18 Datasheet
8Mb / 7P
Double asymmetric beam for wall washing and supermarket applications with holder B compatible
FN15972 LEDIL-FN15972_18 Datasheet
7Mb / 10P
Double asymmetric beam for wall washing and supermarket applications with holder C compatible with LEDiL HEKLA
FN15977 LEDIL-FN15977 Datasheet
3Mb / 5P
Asymmetric beam for wall washing with holder A compatible
FN15978 LEDIL-FN15978 Datasheet
3Mb / 5P
Asymmetric beam for wall washing with holder B compatible
CA16308 LEDIL-CA16308 Datasheet
5Mb / 5P
Asymmetric beam for wall-washing. Assembly with holder and installation tape.
CA13177 LEDIL-CA13177 Datasheet
5Mb / 9P
Asymmetric beam for wall washing
CP17598 LEDIL-CP17598 Datasheet
1Mb / 4P
Asymmetric beam for wall-washing
F14344 LEDIL-F14344 Datasheet
9Mb / 10P
Asymmetric beam for wall-washing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com