Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-P9LMS1.EM Datasheet(PDF) 4 Page - OSRAM GmbH

Part # GW-P9LMS1.EM
Description  white SMT package, colored diffused
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-P9LMS1.EM Datasheet(HTML) 4 Page - OSRAM GmbH

  GW-P9LMS1.EM Datasheet HTML 1Page - OSRAM GmbH GW-P9LMS1.EM Datasheet HTML 2Page - OSRAM GmbH GW-P9LMS1.EM Datasheet HTML 3Page - OSRAM GmbH GW-P9LMS1.EM Datasheet HTML 4Page - OSRAM GmbH GW-P9LMS1.EM Datasheet HTML 5Page - OSRAM GmbH GW-P9LMS1.EM Datasheet HTML 6Page - OSRAM GmbH GW-P9LMS1.EM Datasheet HTML 7Page - OSRAM GmbH GW-P9LMS1.EM Datasheet HTML 8Page - OSRAM GmbH GW-P9LMS1.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2013-07-15
4
DRAFT – For Reference only.
Subject to change.
Draft Version 0.0
GW P9LRS1.EM
Characteristics (TS = 25 °C; IF = 200 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
120
°
Forward voltage 3) page 22
Durchlassspannung 3) Seite 22
(min.)
(typ.)
(max.)
VF
VF
VF
24.8
26.6
29.6
V
V
V
Reverse voltage
Sperrspannung
(IR = 20 mA)
(max.)
VR
1.2
V
Color reproduction index 4) page 22
Farbwiedergabe Index 4) Seite 22
(typ.)
(min.)
Ra
Ra
82
80
-
-
Real thermal resistance junction / solder point
5) page 22
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 22
(typ.)
(max.)
Rth JS real
Rth JS real
5.4
6.5
K/W
K/W
"Electrical" thermal resistance junction / solder
point 5) page 22
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 5) Seite 22
(with efficiency ηe = 30 %)
(typ.)
(max.)
Rth JS el
Rth JS el
3.8
4.5
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com