Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-P9LR33.CM Datasheet(PDF) 19 Page - OSRAM GmbH

Part # GW-P9LR33.CM
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-P9LR33.CM Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button GW-P9LR33.CM Datasheet HTML 15Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 16Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 17Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 18Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 19Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 20Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 21Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 22Page - OSRAM GmbH GW-P9LR33.CM Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
OHA04563
(G) GROUP:
1234567890
(1T) LOT NO:
(9D) D/C:
1234
(X) PROD NO:
123456789
(6P) BATCH NO:
1234567890
LX XXXX
RoHS Compliant
BIN1: XX-XX-X-XXX-X
ML
X
Temp
ST
XXX °C X
Pack: RXX
DEMY
XXX
X_X123_1234.1234 X
9999
(Q)QTY:
Semiconductors
OSRAM Opto
XX-XX-X-X
LE
X
X
PLE
LLXX
234.1234 X
X-X-X
LLLLLL
PL
XXX
XXX
12
12
XX-
XX-
MPL
XX
X
XX1231
XX-XX
MPL
Pack: RX
Pack: RX
DEMY
DEMY
MP
4
MP
AMP
M
M
M
AM
M
AM
M
D) D/C
D) D/C
234
234
M
M
M
M
M
3
PL
Pack: R
k: R
DEMY
AM
M
M
AM
AM
D/
MP
M
M
M
:
123
AM
AM
AAM
(9D
XAAA
XAA
XA
XXA
X
EXA
EX
EX
EXXXXA
XX
EX
EXX
7890
7890
EXXXXXX
EX
EXA
EEEX
EX
EEXX
EEX
EEX
EX
EX
:
1234567
rs
EEEEEEEEE
NO:
NO:
234
234
EX
ors
ors
XA
X
890
X
RX
DEMY
12
D) D/C:
234
(
7890
NO:
234
pto
XXX
123
XX-
Pack: R
DEMY
tors
OHA00539
Moisture-sensitive label or print
Barcode label
Desiccant
Humidity indicator
Barcode label
OSRAM
Moisture
L
e
vel
3
Flo
or
time
168
Hours
Moisture
Level
6
Floor
t
ime
6
Hou
rs
a)
Humidity
Indicator
Card
is
>
10%
when
read
at
23
˚C
±
5
˚C,
o
r
reflow,
vapor
-phase
reflow,
or
equivale
n
t process
in
g
(p
e
ak
p
a
ckage
2.
After
this
ba
g
is
opened,
devices
that
will
b
e
subjec
ted
to
infrare
d
1.
Shelf
life
in
sealed
bag:
24
months
at
<
40
˚C
an
d
<
90%
relative
h
umidity
(RH
).
Moisture
Level
5a
at
factory
conditions
of
(if
blank,
seal
date
is
identical
with
date
code).
a)
Mo
unted
with
in
b)
Stored
at
body
temp.
3.
De
vices
requir
e
baking,
before
mounting,
if:
Bag
seal
date
Moisture
Le
vel
1
Moisture
Level
2
Moisture
Level
2a
4.
If
baking
is
req
uired,
b)
2a
or
2b
is
not
met.
Date
and
time
opened:
refe
rence
IPC/JEDEC
J-STD-033
for
bake
procedure.
Floor
ti
me
see
below
If
bla
n
k,
see
bar
code
label
Floor
time
>
1
Year
Floor
t
ime
1
Year
Floor
time
4
Weeks
10%
RH.
_
<
Moistu
re
L
e
vel
4
Moisture
Level
5
˚C).
OPTO
SEMICONDUCTORS
MOISTURE
SENSITIVE
This
b
ag
co
ntains
CAUTION
Floor
time
72
Hours
F
loor
ti
me
48
Ho
u
rs
Floor
time
24
Hours
30
˚C/60%
RH.
_
<
LEVEL
If
bla
n
k,
see
ba
r c
ode
labe
l
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com