Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-PSLLS1.EC Datasheet(PDF) 7 Page - OSRAM GmbH

Part # GW-PSLLS1.EC
Description  white SMT package, colored diffused silicone resin
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-PSLLS1.EC Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button GW-PSLLS1.EC Datasheet HTML 3Page - OSRAM GmbH GW-PSLLS1.EC Datasheet HTML 4Page - OSRAM GmbH GW-PSLLS1.EC Datasheet HTML 5Page - OSRAM GmbH GW-PSLLS1.EC Datasheet HTML 6Page - OSRAM GmbH GW-PSLLS1.EC Datasheet HTML 7Page - OSRAM GmbH GW-PSLLS1.EC Datasheet HTML 8Page - OSRAM GmbH GW-PSLLS1.EC Datasheet HTML 9Page - OSRAM GmbH GW-PSLLS1.EC Datasheet HTML 10Page - OSRAM GmbH GW-PSLLS1.EC Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Version 1.0
GW PSLLS1.EC
2013-07-15
7
Color Chromaticity Groups 7) page 24
Farbortgruppen 7) Seite 24
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
5C
0.3055
0.3177
7K
0.3625
0.3711
5S
0.4222
0.3840
0.3068
0.3113
0.3642
0.3805
0.4263
0.3929
0.3108
0.3229
0.3714
0.3775
0.4298
0.3867
0.3119
0.3162
0.3736
0.3874
0.4342
0.3957
6C
0.3041
0.3240
5L
0.3670
0.3578
6S
0.4263
0.3929
0.3055
0.3177
0.3692
0.3677
0.4305
0.4019
0.3098
0.3296
0.3746
0.3624
0.4342
0.3957
0.3108
0.3229
0.3773
0.3726
0.4386
0.4048
7C
0.3028
0.3304
6L
0.3692
0.3677
7S
0.4305
0.4019
0.3041
0.3240
0.3714
0.3775
0.4346
0.4108
0.3087
0.3363
0.3773
0.3726
0.4386
0.4048
0.3098
0.3296
0.3799
0.3828
0.4430
0.4138
5D
0.3108
0.3229
7L
0.3714
0.3775
8S
0.4346
0.4108
0.3119
0.3162
0.3736
0.3874
0.4387
0.4197
0.3162
0.3282
0.3799
0.3828
0.4430
0.4138
0.3170
0.3212
0.3826
0.3931
0.4474
0.4228
6D
0.3098
0.3296
5M
0.3746
0.3624
5T
0.4298
0.3867
0.3108
0.3229
0.3773
0.3726
0.4342
0.3957
0.3154
0.3352
0.3822
0.3670
0.4373
0.3893
0.3162
0.3282
0.3853
0.3776
0.4420
0.3985
7D
0.3087
0.3363
6M
0.3773
0.3726
6T
0.4342
0.3957
0.3098
0.3296
0.3799
0.3828
0.4386
0.4048
0.3146
0.3422
0.3853
0.3776
0.4420
0.3985
0.3154
0.3352
0.3885
0.3882
0.4468
0.4077
5E
0.3162
0.3282
7M
0.3799
0.3828
7T
0.4386
0.4048
0.3170
0.3212
0.3826
0.3931
0.4430
0.4138
0.3216
0.3334
0.3885
0.3882
0.4468
0.4077
0.3221
0.3262
0.3916
0.3987
0.4515
0.4168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com