Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2632 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2632
Description  16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2632 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2632 Datasheet HTML 16Page - Linear Technology LTC2632 Datasheet HTML 17Page - Linear Technology LTC2632 Datasheet HTML 18Page - Linear Technology LTC2632 Datasheet HTML 19Page - Linear Technology LTC2632 Datasheet HTML 20Page - Linear Technology LTC2632 Datasheet HTML 21Page - Linear Technology LTC2632 Datasheet HTML 22Page - Linear Technology LTC2632 Datasheet HTML 23Page - Linear Technology LTC2632 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LTC2311-16
20
231116fa
For more information www.linear.com/LTC2311-16
APPLICATIONS INFORMATION
frequency. Figure 16 shows that the LTC2311-16 achieves
a typical SINAD of 81dB at a 5MHz sampling rate with a
2.2MHz input.
POWER CONSIDERATIONS
The LTC2311-16 requires two power supplies: the 5V
power supply (VDD), and the digital input/output interface
power supply (OVDD). The flexible OVDD supply allows
the LTC2311-16 to communicate with any digital logic
operating between 1.8V and 2.5V. When using LVDS I/O,
the OVDD supply must be set to 2.5V.
Power Supply Sequencing
The LTC2311-16 does not have any specific power sup-
ply sequencing requirements. Care should be taken to
adhere to the maximum voltage relationships described
in the Absolute Maximum Ratings section. The LTC2311-
16 has a power-on-reset (POR) circuit that will reset the
LTC2311-16 at initial power-up or whenever the power
supply voltage drops below 2V. Once the supply voltage
re-enters the nominal supply voltage range, the POR will
reinitialize the ADC. No conversions should be initiated
until 10ms after a POR event to ensure the reinitialization
period has ended. Any conversions initiated before this
time will produce invalid results.
Figure 16. 32k Point FFT of the LTC2311-16
SNR = 81.6dB
THD = –90dB
SINAD = 81.1dB
SFDR = 96dB
FREQUENCY (MHz)
0
0.5
1
1.5
2
2.5
–140
–120
–100
–80
–60
–40
–20
0
231116 F16
Figure 17. Power Supply Current of the LTC2311-16
Versus Sampling Rate
Signal-to-Noise Ratio (SNR)
The signal-to-noise ratio (SNR) is the ratio between the
RMS amplitude of the fundamental input frequency and
the RMS amplitude of all other frequency components
except the first five harmonics and DC. Figure 16 shows
that the LTC2311-16 achieves a typical SNR of greater
than 81dB at a 5MHz sampling rate with a 2.2MHz input.
Total Harmonic Distortion (THD)
Totalharmonicdistortion(THD)istheratiooftheRMSsum
ofallharmonicsoftheinputsignaltothefundamentalitself.
The out-of-band harmonics alias into the frequency band
between DC and half the sampling frequency (fSMPL/2).
THD is expressed as:
THD=20log
V22 + V32 + V42 +…+ VN2
V1
where V1 is the RMS amplitude of the fundamental
frequency and V2 through VN are the amplitudes of the
second through Nth harmonics. The THD specifications
for the LTC2311-16 consider the first seven harmonics
(i.e. N=7). Figure 16 shows that the LTC2311-16 achieves
a typical THD of –90dB at a 5MHz sampling rate with a
2.2MHz input.
SAMPLE FREQUENCY (Msps)
0
1
2
3
4
5
5
6
7
8
8
9
10
231116 G16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com