Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2602 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2602
Description  16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 3Page - Linear Technology LTC2602 Datasheet HTML 4Page - Linear Technology LTC2602 Datasheet HTML 5Page - Linear Technology LTC2602 Datasheet HTML 6Page - Linear Technology LTC2602 Datasheet HTML 7Page - Linear Technology LTC2602 Datasheet HTML 8Page - Linear Technology LTC2602 Datasheet HTML 9Page - Linear Technology LTC2602 Datasheet HTML 10Page - Linear Technology LTC2602 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LTC2311-16
7
231116fa
For more information www.linear.com/LTC2311-16
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground.
Note 3: When these pin voltages are taken below ground, or above VDD
or OVDD, they will be clamped by internal diodes. This product can handle
input currents up to 100mA below ground, or above VDD or OVDD, without
latch-up.
Note 4: VDD = 5V, OVDD = 2.5V, REFOUT = 4.096V, fSMPL = 5MHz.
Note 5: Recommended operating conditions.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: Bipolar zero error is the offset voltage measured from –0.5LSB
when the output code flickers between 0000 0000 0000 0000 and 1111
1111 1111 1111. Full-scale bipolar error is the worst-case of –FS or +FS
untrimmed deviation from ideal first and last code transitions and includes
the effect of offset error.
Note 8: All specifications in dB are referred to a full-scale ±4.096V input
with REFOUT = 4.096V.
Note 9: When REFOUT is overdriven, the internal reference buffer must be
turned off by setting REFIN = 0V.
Note 10: fSMPL = 5MHz, IREFOUT varies proportionally with sample rate.
Note 11: Guaranteed by design, not subject to test.
Note 12: Parameter tested and guaranteed at OVDD = 1.71V and
OVDD = 2.5V.
Note 13: tSCK of 9.4ns minimum allows a shift clock frequency up to
105MHz for falling edge capture.
Note 14: Temperature coefficient is calculated by dividing the maximum
change in output voltage by the specified temperature range.
Note 15: CNV is driven from a low jitter digital source, typically at OVDD
logic levels. This input pin has a TTL style input that will draw a small
amount of current.
Figure 1. Voltage Levels for Timing Specifications
0.8 • OVDD
0.2 • OVDD
50%
50%
231116 F01
0.2 • OVDD
0.8 • OVDD
0.2 • OVDD
0.8 • OVDD
tDELAY
tWIDTH
tDELAY
ADC TIMING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tDSCKSDOV
SDO Data Valid Delay from SCK↓
CL = 5pF (Note 11)
l
4
7.4
ns
tHSDO
SDO Data Remains Valid Delay from
SCK↓
CL = 5pF (Note 11)
l
2
ns
tDCNVSDOV
SDO Data Valid Delay from CNV↓
CL = 5pF (Note 11)
l
2.5
5
ns
tDCNVSDOZ
Bus Relinquish Time After CNV↑
(Note 11)
l
5
ns
tWAKE
REFOUT Wake-Up Time
CREFOUT = 10μF
10
ms
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com