Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2632 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2632
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2632 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2632 Datasheet HTML 17Page - Linear Technology LTC2632 Datasheet HTML 18Page - Linear Technology LTC2632 Datasheet HTML 19Page - Linear Technology LTC2632 Datasheet HTML 20Page - Linear Technology LTC2632 Datasheet HTML 21Page - Linear Technology LTC2632 Datasheet HTML 22Page - Linear Technology LTC2632 Datasheet HTML 23Page - Linear Technology LTC2632 Datasheet HTML 24Page - Linear Technology LTC2632 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC2320-12
21
Rev B
For more information www.analog.com
APPLICATIONS INFORMATION
INPUT DRIVE CIRCUITS
A low impedance source can directly drive the high im-
pedance inputs of the LTC2320-12 without gain error. A
high impedance source should be buffered to minimize
settling time during acquisition and to optimize the dis-
tortion performance of the ADC. Minimizing settling time
is important even for DC inputs, because the ADC inputs
draw a current spike when during acquisition.
For best performance, a buffer amplifier should be used to
drive the analog inputs of the LTC2320-12. The amplifier
provides low output impedance to minimize gain error
and allows for fast settling of the analog signal during
the acquisition phase. It also provides isolation between
the signal source and the ADC inputs, which draw a small
current spike during acquisition.
Input Filtering
The noise and distortion of the buffer amplifier and signal
sourcemustbeconsideredsincetheyaddtotheADCnoise
and distortion. Noisy input signals should be filtered prior
to the buffer amplifier input with a low bandwidth filter to
minimizenoise.Thesimple1-poleRClowpassfiltershown
in Figure 12 is sufficient for many applications.
The sampling switch on-resistance (RON) and the sample
capacitor (CIN) form a second lowpass filter that limits
the input bandwidth to the ADC core to 110MHz. A buffer
amplifier with a low noise density must be selected to
minimize the degradation of the SNR over this bandwidth.
Figure 12. Input Signal Chain
50
SINGLE-ENDED
INPUT SIGNAL
232012 F12
BW = 1MHz
3.3nF
SINGLE-ENDED
TO DIFFERENTIAL
DRIVER
IN+
IN–
LTC2320
Figure 11. Fully-Differential Transfer Function
232012 F11
–VREF
VREF
AIN
(AINn+ – AINn–)
ADC CODE
(2’s COMPLEMENT)
–VREF/2
VREF/2
0
–2048
2047
–4096
4095
High quality capacitors and resistors should be used in the
RCfilterssincethesecomponentscanadddistortion.NPO
and silver mica type dielectric capacitors have excellent
linearity. Carbon surface mount resistors can generate
distortion from self heating and from damage that may
occurduringsoldering.Metalfilmsurfacemountresistors
are much less susceptible to both problems.
ADC REFERENCE
Internal Reference
The LTC2320-12 has an on-chip, low noise, low
drift (20ppm/°C max), temperature compensated band-
gap reference. It is internally buffered and is available
at REF (Pin 8). The reference buffer gains the internal
reference voltage to 4.096V for supply voltages VDD = 5V
and to 2.048V for VDD = 3.3V. The REF pin also drives
the four internal reference buffers with a current limited
output (250μA) so it may be easily overdriven with an
external reference in the range of 1.25V to 5V. Bypass
REF to GND with a 1μF (X5R, 0805 size) ceramic capacitor
to compensate the reference buffer and minimize noise.
The 1μF capacitor should be as close as possible to the
LTC2320-12 package to minimize wiring inductance. The
voltage on the REF pin must be externally buffered if used
for external circuitry.
External Reference
The internal REFOUT1,2,3,4 buffers can also be over-
driven from 1.25V to 5V with an external reference at
REFOUT1,2,3,4 as shown in Figure  13 (c). To do so,
REFBUFEN must be grounded to disable the REF buffers.
A 55k internal resistance loads the REFOUT1,2,3,4 pins
when the REF buffers are disabled. To maximize the input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com