Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0ZCF0260AF2C Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0ZCF0260AF2C
Description  Surface Mount PTC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZCF0260AF2C Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0ZCF0260AF2C Datasheet HTML 1Page - Bel Fuse Inc. 0ZCF0260AF2C Datasheet HTML 2Page - Bel Fuse Inc. 0ZCF0260AF2C Datasheet HTML 3Page - Bel Fuse Inc. 0ZCF0260AF2C Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 0ZCF0260AF2C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ZCF0260AF2C BEL-0ZCF0260AF2C Datasheet
557Kb / 4P
Surface Mount PTC
Apr2023
More results

Similar Description - 0ZCF0260AF2C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L LITTELFUSE-1206L Datasheet
129Kb / 2P
Surface Mount PTC
1812L LITTELFUSE-1812L Datasheet
154Kb / 2P
Surface Mount PTC
3425L LITTELFUSE-3425L Datasheet
249Kb / 2P
Surface Mount PTC
logo
Bel Fuse Inc.
0ZCB BEL-0ZCB_13 Datasheet
1Mb / 4P
Surface Mount PTC
0ZCD BEL-0ZCD_13 Datasheet
1Mb / 4P
Surface Mount PTC
0ZCE BEL-0ZCE_13 Datasheet
1Mb / 4P
Surface Mount PTC
0ZCJ BEL-0ZCJ Datasheet
1Mb / 4P
Surface Mount PTC
0ZCM BEL-0ZCM Datasheet
1Mb / 4P
Surface Mount PTC
0ZCH BEL-0ZCH_16 Datasheet
1Mb / 4P
Surface Mount PTC
0ZCK BEL-0ZCK_16 Datasheet
1Mb / 4P
Surface Mount PTC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com