Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2758 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2758
Description  Dual Serial 18-Bit SoftSpan IOUT DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2758 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2758 Datasheet HTML 16Page - Linear Technology LTC2758 Datasheet HTML 17Page - Linear Technology LTC2758 Datasheet HTML 18Page - Linear Technology LTC2758 Datasheet HTML 19Page - Linear Technology LTC2758 Datasheet HTML 20Page - Linear Technology LTC2758 Datasheet HTML 21Page - Linear Technology LTC2758 Datasheet HTML 22Page - Linear Technology LTC2758 Datasheet HTML 23Page - Linear Technology LTC2758 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC2758
21
2758fb
For more information www.linear.com/LTC2758
applicaTions inForMaTion
Figure 4. Optional Circuits for Driving IOUT2 from GND with a Force/Sense Amplifier
LT1468
DAC A
LTC2758
VREF
5V
2
6
3
6
IOUT1A
15pF
IOUT2A
RFBA
VOSADJA
REFA
RCOMA
RINA
ROFSA
VOUTA
6
1
2
3
IOUT2AF
IOUT2AS
2
3
*SCHOTTKY BARRIER DIODE
ZETEX*
BAT54S
LT1012
2758 F05
1000pF
ALTERNATE AMPLIFIER FOR OPTIMUM SETTLING TIME PERFORMANCE
6
1
2 3
8
9
8
9
LT1468
3
ZETEX
BAT54S
2
200
200
Ω
IOUT2AS
IOUT2AF
150pF
3
2
DAC B
–
+
GEADJA
LT1012
47, 48
5, 6
4
3
1, 2
45, 46
44
8, 9
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com