Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GC02MPS12-252 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # GC02MPS12-252
Description  Silicon Carbide Power Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GC02MPS12-252 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  GC02MPS12-252 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GC02MPS12-252 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GC02MPS12-252 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc. GC02MPS12-252 Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. GC02MPS12-252 Datasheet HTML 5Page - GeneSiC Semiconductor, Inc. GC02MPS12-252 Datasheet HTML 6Page - GeneSiC Semiconductor, Inc. GC02MPS12-252 Datasheet HTML 7Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GC02MPS12-252
1200 V SiC MPS™ Diode
Feb 2018 Rev1.1
http://www.genesicsemi.com/sic_rectifiers_diodes/merged_pin_schottky/
Silicon Carbide Power
Schottky Diode
Features
 High Avalanche (UIS) Capability
 Enhanced Surge Current Capability
 175 °C Maximum Operating Temperature
 Temperature Independent Switching Behavior
 Positive Temperature Coefficient Of VF
 Extremely Fast Switching Speeds
 Superior Figure of Merit QC/IF
Advantages
 Low Standby Power Losses
 Improved Circuit Efficiency (Lower Overall Cost)
 Low Switching Losses
 Ease of Paralleling Devices without Thermal Runaway
 Smaller Heat Sink Requirements
 Low Reverse Recovery Current
 Low Device Capacitance
 Low Reverse Leakage Current at Operating Temperature
Absolute Maximum Ratings
Parameter
Repetitive Peak Reverse Voltage
Continuous Forward Current
Non-Repetitive Peak Forward Surge Current,
Half Sine Wave
Repetitive Peak Forward Surge Current, Half
Sine Wave
Non-Repetitive Peak Forward Surge Current
I
2t Value
Non-Repetitive Avalanche Energy
Diode Ruggedness
Power Dissipation
Operating and Storage Temperature
Electrical Characteristics
Parameter
Diode Forward Voltage
Reverse Current
Total Capacitive Charge
Switching Time
Total Capacitance
Thermal / Mechanical Characteristics
Thermal Resistance, Junction - Case
http://www.genesicsemi.com/sic_rectifiers_diodes/merged_pin_schottky/
Package
TO-252-2L
Applications
Overall Cost)
ithout Thermal Runaway
t Operating Temperature
 Power Factor Correction (PFC)
 Switched-Mode Power Supply (SMPS)
 Solar Inverters
 Wind Turbine Inverters
 Motor Drives
 Induction Heating
 Uninterruptible Power Supply (UPS)
 High Voltage Multipliers
Symbol
Conditions
Values
VRRM
1200
IF
TC = 25 °C, D = 1
11
TC = 135 °C, D = 1
5
TC = 168 °C, D = 1
2
IF,SM
TC = 25 °C, tP = 10 ms
21
TC = 150 °C, tP = 10 ms
17
IF,RM
TC = 25 °C, tP = 10 ms
14
TC = 150 °C, tP = 10 ms
8
IF,max
TC = 25 °C, tP = 10 µs
220
∫i
2 dt
TC = 25 °C, tP = 10 ms
1.8
EAS
L = 30 mH, IAV = 2 A, VDD = 60 V
30
dV/dt
VR = 0 ~ 960 V
100
Ptot
TC = 25 °C
94
Tj , Tstg
-55 to 175
Symbol
Conditions
Values
min.
typ.
VF
IF = 2 A, Tj = 25 °C
1.5
IF = 2 A, Tj = 175 °C
2.3
IR
VR = 1200 V, Tj = 25 °C
0.2
VR = 1200 V, Tj = 175 °C
1
QC
IF ≤ IF,MAX
dIF/dt = 200 A/μs
Tj = 175 °C
VR = 400 V
7
VR = 800 V
11
ts
VR = 400 V
< 10
VR = 800 V
C
VR = 1 V, f = 1 MHz, Tj = 25 °C
118
VR = 800 V, f = 1 MHz, Tj = 25 °C
8
RthJC
1.6
VRRM
IF (Tc = 13
QC
case
1
2
http://www.genesicsemi.com/sic_rectifiers_diodes/merged_pin_schottky/
Page 1 of 6
Mode Power Supply (SMPS)
Values
Unit
1200
V
A
A
A
A
A
2s
mJ
V/µs
W
55 to 175
°C
Values
Unit
max.
1.8
V
2.7
2
µA
19
nC
ns
pF
°C/W
=
1200 V
35°C)
=
5 A
=
11 nC


Similar Part No. - GC02MPS12-252

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GC02MPS12-214 GENESIC-GC02MPS12-214 Datasheet
2Mb / 7P
Silicon Carbide Power Schottky Diode
GC02MPS12-220 GENESIC-GC02MPS12-220 Datasheet
2Mb / 7P
Silicon Carbide Power Schottky Diode
More results

Similar Description - GC02MPS12-252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GB01SLT12-252 ETC-GB01SLT12-252 Datasheet
336Kb / 4P
Silicon Carbide Power Schottky Diode
logo
GeneSiC Semiconductor, ...
GB05SLT12-220 GENESIC-GB05SLT12-220 Datasheet
399Kb / 5P
Silicon Carbide Power Schottky Diode
GAP3SHT33-CAL GENESIC-GAP3SHT33-CAL_15 Datasheet
251Kb / 5P
Silicon Carbide Power Schottky Diode
GB10SLT12-CAL GENESIC-GB10SLT12-CAL_15 Datasheet
421Kb / 5P
Silicon Carbide Power Schottky Diode
logo
Comchip Technology
CDBDSC5650-G COMCHIP-CDBDSC5650-G Datasheet
91Kb / 2P
Silicon Carbide Power Schottky Diode
CDBJFSC5650-G COMCHIP-CDBJFSC5650-G Datasheet
113Kb / 3P
Silicon Carbide Power Schottky Diode
CDBJSC101200-G COMCHIP-CDBJSC101200-G Datasheet
114Kb / 3P
Silicon Carbide Power Schottky Diode
logo
GeneSiC Semiconductor, ...
GB2X40MPS12-227 GENESIC-GB2X40MPS12-227 Datasheet
2Mb / 7P
Silicon Carbide Power Schottky Diode
GC2X20MPS12-247 GENESIC-GC2X20MPS12-247 Datasheet
2Mb / 7P
Silicon Carbide Power Schottky Diode
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com