Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KW-DPLS31.EC Datasheet(PDF) 1 Page - OSRAM GmbH

Part # KW-DPLS31.EC
Description  SMD epoxy package, colored silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KW-DPLS31.EC Datasheet(HTML) 1 Page - OSRAM GmbH

  KW-DPLS31.EC Datasheet HTML 1Page - OSRAM GmbH KW-DPLS31.EC Datasheet HTML 2Page - OSRAM GmbH KW-DPLS31.EC Datasheet HTML 3Page - OSRAM GmbH KW-DPLS31.EC Datasheet HTML 4Page - OSRAM GmbH KW-DPLS31.EC Datasheet HTML 5Page - OSRAM GmbH KW-DPLS31.EC Datasheet HTML 6Page - OSRAM GmbH KW-DPLS31.EC Datasheet HTML 7Page - OSRAM GmbH KW-DPLS31.EC Datasheet HTML 8Page - OSRAM GmbH KW-DPLS31.EC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2014-06-05
1
2014-06-05
SYNIOS E4014
Datasheet
Version 1.1
KW DPLS31.EC
Features:
Besondere Merkmale:
• Package: SMD epoxy package, colored silicone
resin
•
Gehäusetyp: SMD Epoxid Gehäuse, farbiger
Silikon-Verguss
• Technology: InGaN on Sapphire
•
Technologie: InGaN on Sapphire
• Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
• Color: white; CTR = 4500 K - 5000 K; CRI (min.) =
80
•
Farbe: weiß; CTR = 4500 K - 5000 K; CRI (min.) =
80
• ESD - withstand voltage: up to 5 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM)
•
ESD - Festigkeit: bis 5 kV nach
ANSI/ESDA/JEDEC JS-001 (HBM)
Applications
Anwendungen
• Industrial illumination
•
Industrie-Beleuchtung
• White Goods Lighting
•
Weiße Ware
• Vending Machines
•
Automaten
• Transportation
•
Verkehrsmittel


Similar Part No. - KW-DPLS31.EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KW-DPLS31.SB OSRAM-KW-DPLS31.SB Datasheet
778Kb / 24P
SMD epoxy package, colored silicone resin
More results

Similar Description - KW-DPLS31.EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWDPLS31.EC OSRAM-KWDPLS31.EC Datasheet
1Mb / 24P
SMD epoxy package, colored silicone resin
LCWW5SG OSRAM-LCWW5SG Datasheet
595Kb / 17P
white SMD package, colored diffused silicone resin
LWW5SG OSRAM-LWW5SG Datasheet
306Kb / 17P
white SMD package, colored diffused silicone resin
KW-DCLMS1.PC OSRAM-KW-DCLMS1.PC Datasheet
1Mb / 25P
white SMT package, colored silicone resin
KW-DPLS31.SB OSRAM-KW-DPLS31.SB Datasheet
778Kb / 24P
SMD epoxy package, colored silicone resin
KW-DPLS32.EC OSRAM-KW-DPLS32.EC Datasheet
921Kb / 29P
SMD epoxy package, colored silicone resin
LCW-W5SG OSRAM-LCW-W5SG Datasheet
595Kb / 17P
white SMD package, colored diffused silicone resin
LW-W5SG OSRAM-LW-W5SG Datasheet
306Kb / 17P
white SMD package, colored diffused silicone resin
LUW-JDSH.EC-F OSRAM-LUW-JDSH.EC-F Datasheet
344Kb / 22P
white SMT package, colored silicone resin
LUW-JLSH OSRAM-LUW-JLSH Datasheet
4Mb / 23P
white SMT package, colored silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com