Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS-T676 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LS-T676
Description  white P-LCC-2 package, colorless clear resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-T676 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LS-T676 Datasheet HTML 6Page - OSRAM GmbH LS-T676 Datasheet HTML 7Page - OSRAM GmbH LS-T676 Datasheet HTML 8Page - OSRAM GmbH LS-T676 Datasheet HTML 9Page - OSRAM GmbH LS-T676 Datasheet HTML 10Page - OSRAM GmbH LS-T676 Datasheet HTML 11Page - OSRAM GmbH LS-T676 Datasheet HTML 12Page - OSRAM GmbH LS-T676 Datasheet HTML 13Page - OSRAM GmbH LS-T676 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2007-02-16
10
LS T676, LA T676, LO T676, LY T676
Empfohlenes Lötpaddesign
8) 9)
Seite 15
IR-Reflow Löten
Recommended Solder Pad
8) 9)
page 15
IR Reflow Soldering
Empfohlenes Lötpaddesign verwendbar für TOPLED
® und Power TOPLED®
IR Reflow Löten
8)
Seite 15
Recommended Solder Pad useable for TOPLED
® and Power TOPLED®
IR Reflow Soldering
8)
page 15
OHLPY970
2.6 (0.102)
Cu-area > 16 mm
Cu-Fläche > 16 mm
2
2
Solder resist
Lötstopplack
2.6 (0.102)
Padgeometrie für
improved heat dissipation
verbesserte Wärmeableitung
Paddesign for
OHLPY440
Padgeometrie für
verbesserte Wärmeableitung
improved heat dissipation
Paddesign for
Lötstoplack
Solder resist
0.8 (0.031)
2.3 (0.091)
3.3 (0.130)
Cu Fläche / 16 mm per pad
2
Cu-area
_
<
3.3 (0.130)
Kathode/
Cathode
Anode
Fläche darf elektrisch nicht beschaltet werden.
Do not use this area for electrical contact.
0.7 (0.028)
Fläche darf elektrisch nicht beschaltet werden.
Do not use this area for electrical contact.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com