Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4302-2 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4302-2
Description  2-Wire Bus Buffers with High Noise Margin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4302-2 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4302-2 Datasheet HTML 12Page - Linear Technology LTC4302-2 Datasheet HTML 13Page - Linear Technology LTC4302-2 Datasheet HTML 14Page - Linear Technology LTC4302-2 Datasheet HTML 15Page - Linear Technology LTC4302-2 Datasheet HTML 16Page - Linear Technology LTC4302-2 Datasheet HTML 17Page - Linear Technology LTC4302-2 Datasheet HTML 18Page - Linear Technology LTC4302-2 Datasheet HTML 19Page - Linear Technology LTC4302-2 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC4313-1/LTC4313-2/
LTC4313-3
16
4313123f
applicaTions inForMaTion
Figure 9. The LTC4313-1 Operating in a Cascade with Other LTC Buffers
with Active RTAs. Only the Clock Pathway is Shown for Simplicity
LTC4313-1
GND
VCC
SCLOUT
SCLIN
SCL1
SCL2
R1
5k
C1
0.01µF
3.3V
LTC4300A
GND
VCC
SCLOUT
SCL3
SCLIN
R3
2.7k
5V
R2
2.7k
4313123 F09
CB1
100pF
* CB2
690pF
LTC4307
GND
VCC
SCLOUT
SCL4
I/O CARD #5
I/O CARD #2-4
SCLIN
R4
5k
BACKPLANE
I/O CARD #1
* PARASITIC BACKPLANE CAPACITANCE
Figure 10. Corresponding SCL Switching Waveforms.
No Glitches Are Seen
2V/DIV
2V/DIV
2V/DIV
1µs/DIV
4313123 F10
LTC4300A/
LTC4307
RTAs
TURN ON
LTC4313
BUFFERS
TURN OFF
LTC4313-1
RTA ON
SCL2
SCL3
SCL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com