Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX3003EUP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3003EUP
Description  1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3003EUP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3003EUP Datasheet HTML 1Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 2Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 3Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 4Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 5Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 6Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 7Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 8Page - Maxim Integrated Products MAX3003EUP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
General Description
The MAX3000E/MAX3001E/MAX3002–MAX3012 8-
channel level translators provide the level shifting neces-
sary to allow data transfer in a multivoltage system.
Externally applied voltages, VCC and VL, set the logic lev-
els on either side of the device. Logic signals present on
the VL side of the device appear as a higher voltage logic
signal on the VCC side of the device, and vice-versa.
The MAX3000E/MAX3001E/MAX3002/MAX3004–MAX3012
feature an EN input that, when low, reduces the VCC and
VL supply currents to <2µA. The MAX3000E/MAX3001E
also have ±15kV ESD protection on the I/O VCC side for
greater protection in applications that route signals
externally. The MAX3000E operates at a guaranteed data
rate of 230kbps. The MAX3001E operates at a guaranteed
data rate of 4Mbps. The MAX3002–MAX3012 operate at a
guaranteed data rate of 20Mbps over the entire specified
operating voltage range.
The MAX3000E/MAX3001E/MAX3002–MAX3012 accept
VL voltages from +1.2V to +5.5V and VCC voltages from
+1.65V to +5.5V, making them ideal for data transfer
between low-voltage ASICs/PLDs and higher voltage
systems. The MAX3000E/MAX3001E/MAX3002–
MAX3012 are available in 20-pin UCSP™ and 20-pin
TSSOP packages.
Applications
Cellphones
SPI™ and MICROWIRE™ Level Translation
Low-Voltage ASIC Level Translation
Smart Card Readers
Cellphone Cradles
Portable POS Systems
Portable Communication Devices
Low-Cost Serial Interfaces
GPS
Telecommunications Equipment
Features
o Guaranteed Data Rate Options
230kbps (MAX3000E)
4Mbps (MAX3001E)
20Mbps (MAX3002–MAX3012)
o Bidirectional Level Translation
(MAX3000E/MAX3001E/MAX3002/MAX3003)
o Unidirectional Level Translation
(MAX3004–MAX3012)
o Operation Down to +1.2V on VL
o ±15kV ESD Protection on I/O VCC Lines
(MAX3000E/MAX3001E)
o Ultra-Low 0.1µA Supply Current in Shutdown
o Low Quiescent Current (<10µA)
o UCSP and TSSOP Packages
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
MAX3000E
MAX3001E
MAX3002–
MAX3012
+1.8V
+3.3V
+1.8V
SYSTEM
CONTROLLER
+3.3V
SYSTEM
DATA
DATA
GND
VL
VCC
I/O VCC_
I/O VL_
EN
Typical Operating Circuit
19-2672; Rev 1; 10/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX3000EEUP
-40°C to +85°C
20 TSSOP
MAX3000EEBP-T*
-40°C to +85°C
4 x 5 UCSP
UCSP is a trademark of Maxim Integrated Products, Inc.
SPI is a trademark of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor.
*Future product—contact factory for availability.
Ordering Information continued at end of data sheet.
Pin Configurations and Functional Diagrams appear at end
of data sheet.


Similar Part No. - MAX3003EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3003EUP MAXIM-MAX3003EUP Datasheet
422Kb / 24P
1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3003EUP MAXIM-MAX3003EUP Datasheet
216Kb / 25P
1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
Rev 5; 8/08
More results

Similar Description - MAX3003EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3000E MAXIM-MAX3000E Datasheet
422Kb / 24P
1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3372E MAXIM-MAX3372E Datasheet
533Kb / 25P
짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
19-2328; Rev 3; 9/03
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
logo
STMicroelectronics
MAX3013 STMICROELECTRONICS-MAX3013 Datasheet
438Kb / 17P
1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
logo
Maxim Integrated Produc...
MAX13013 MAXIM-MAX13013 Datasheet
849Kb / 21P
1.2V to 3.6V, 0.1uA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 1; 8/04
MAX3000E MAXIM-MAX3000E_08 Datasheet
216Kb / 25P
1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
Rev 5; 8/08
logo
Intersil Corporation
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
June 10, 2010
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
Best-in-Class ESD Protected Level Translators
ICL3245ECAZ-T INTERSIL-ICL3245ECAZ-T Datasheet
450Kb / 20P
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
February 27, 2006
logo
Maxim Integrated Produc...
MAX3013 MAXIM-MAX3013 Datasheet
443Kb / 17P
1.2V to 3.6V, 0.1關A, 100Mbps, 8-Channel Level Translators
19-3156; Rev 2; 12/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com