Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLE66R01PC Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # SLE66R01PC
Description  Intelligent 1216 bit EEPROM with Contactless Interface compliant
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66R01PC Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SLE66R01PC Datasheet HTML 6Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 7Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 8Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 9Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 10Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 11Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 12Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 13Page - Infineon Technologies AG SLE66R01PC Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
my-d™ move / my-d™ move NFC
SLE 66R01P / SLE 66R01PN
my-d™ Product Family
Data Book
10 / 55
2011-11-24
2
my-d™ Product Family
my-d™ products are available both in plain mode with open memory access and in secure mode with memory
access controlled by authentication procedures. The my-d™ product family provides users with different memory
sizes, features NFC Forum™ Type 2 Tag functionality and incorporates security features to enable considerable
flexibility in the application design.
Flexible controls within the my-d™ devices start with plain mode operation featuring individual page locking; for
more complex applications various settings in secure mode can be set for multi user / multi application
configurations.
In plain mode access to the memory is supported by both 4-byte block as well as 8-byte page structure.
In secure mode a cryptographic algorithm based on a 64-bit key is available. Mutual authentication, message
authentication codes (MAC) and customized access conditions protect the memory against unauthorized access.
The functional architecture, meaning the memory organization and authentication of my-d™ products is the same
for both my-d™ proximity (ISO/IEC 14443) and my-d™ vicinity (ISO/IEC 18000-3 mode 1 or ISO/IEC 15693). This
eases the system design and allows simple adaptation between applications.
Configurable Value Counters featuring anti-tearing functionality are suitable for value token applications, such as
limited use transportation tickets.
Architectural interoperability of my-d™ products enables an easy migration from simple to more demanding
applications.
The my-d™ move family is designed for cost optimized applications and its implemented command set eases the
usage in existing applications and infrastructures.
In addition, the my-d™ light (ISO/IEC 18000-3 mode 1 or ISO/IEC 15693) is part of the my-d™ family. Its optimized
command set and memory expands the range of applications to cost sensitive segments.
2.1
my-d™ move and my-d™ move NFC
The my-d™ move and my-d™ move NFC are part of Infineon’s my-d™ product family and are designed to meet
the requirements of the increasing NFC market demanding smart memories. They are compliant to
ISO/IEC 14443-3 Type A, to ISO/IEC 18092 and to NFC Forum™ Type 2 Tag Operation.
128 Bytes of memory can be arranged in static or dynamic memory structures for NFC applications.
my-d™ move and my-d™ move NFC products also feature configurable Value Counters which support anti-
tearing protection.
Privacy features like a password protection including password retry counter provide basic security to the
applications.
Based on SLE 66R01P the SLE 66R01PN already contains a pre-configuration of the NFC memory indicating the
INITIALIZED state according to the definition of the NFC Forum™ Type 2 Tag life cycle. Due to that the
my-d™ move NFC is ready to be used in NFC infrastructures.
my-d™ move and my-d™ move NFC products are suited for a broad range of applications like public transport,
event ticketing or smart posters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com