Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LA-G5AP Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LA-G5AP
Description  white PLCC-4 package, colorless clear silicone resin, clear silicone lens
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-G5AP Datasheet(HTML) 4 Page - OSRAM GmbH

  LA-G5AP Datasheet HTML 1Page - OSRAM GmbH LA-G5AP Datasheet HTML 2Page - OSRAM GmbH LA-G5AP Datasheet HTML 3Page - OSRAM GmbH LA-G5AP Datasheet HTML 4Page - OSRAM GmbH LA-G5AP Datasheet HTML 5Page - OSRAM GmbH LA-G5AP Datasheet HTML 6Page - OSRAM GmbH LA-G5AP Datasheet HTML 7Page - OSRAM GmbH LA-G5AP Datasheet HTML 8Page - OSRAM GmbH LA-G5AP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2011-05-04
4
LA G5AP
Characteristics (T
S = 25 °C, IF = 100 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
625
nm
Dominant Wavelength *
3) page 20
Dominantwellenlänge *
3) Seite 20
(min.)
(typ.)
(max.)
λ
dom
λ
dom
λ
dom
612
617
624
nm
nm
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
Δλ
18
nm
viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2
ϕ
145
°
Forward voltage *
4) page 20
Durchlassspannung *
4) Seite 20
(min.)
(typ.)
(max.)
V
F
V
F
V
F
1.90
2.07
2.50
V
V
V
Reverse current
Sperrstrom
I
R
not designed for reverse operation
Thermal Resistance Junction /
Solderpoint **
Wärmewiderstand Sperrschicht /
Lötpad **
(max.)
R
thJS
50
K/W
Thermal Resistance Junction /
Solderpoint **
Wärmewiderstand Sperrschicht /
Lötpad **
(typ.)
R
thJS
40
K/W
Note:
* Individual groups on page 5
** R
th is based on statistic values
Anm.:
* Einzelgruppen siehe Seilte 5
** R
th basiert auf statistischen Werten



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com