Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LB-T673 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LB-T673
Description  white PLCC-2 package, colorless clear resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-T673 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LB-T673 Datasheet HTML 4Page - OSRAM GmbH LB-T673 Datasheet HTML 5Page - OSRAM GmbH LB-T673 Datasheet HTML 6Page - OSRAM GmbH LB-T673 Datasheet HTML 7Page - OSRAM GmbH LB-T673 Datasheet HTML 8Page - OSRAM GmbH LB-T673 Datasheet HTML 9Page - OSRAM GmbH LB-T673 Datasheet HTML 10Page - OSRAM GmbH LB-T673 Datasheet HTML 11Page - OSRAM GmbH LB-T673 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
2017-01-27
8
Version 2.2 - OS-PCN-2016-012-A
LB T673
Forward Current 7) page 21 , 8) page 21
Durchlassstrom 7) Seite 21 , 8) Seite 21
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 21 , 8) page 21
Relative Lichtstärke 7) Seite 21 , 8) Seite 21
IV/IV(10 mA) = f(IF); TS = 25 °C
Dominant Wavelength 7) page 21
Dominante Wellenlänge 7) Seite 21
Δλdom = f(IF); TS = 25 °C
LB T673
2,6
3,5
2,8
3,0
3,2
3,4
VF [V]
2
3
4
5
10
20
IF [mA]
: blue
LB T673
2
3
4
5
6 7 8 9 10
20
IF [mA]
0,3
0,4
0,5
1
IV
IV(10mA)
: blue
LB T673
2
4
6
8
10
12
14
16
18
20
IF [mA]
-6
-4
-2
0
2
4
6
∆λ
dom [nm]
: blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com