Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS-E6SF Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LS-E6SF
Description  white P-LCC-4 package, colorless clear silicone resin
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-E6SF Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LS-E6SF Datasheet HTML 6Page - OSRAM GmbH LS-E6SF Datasheet HTML 7Page - OSRAM GmbH LS-E6SF Datasheet HTML 8Page - OSRAM GmbH LS-E6SF Datasheet HTML 9Page - OSRAM GmbH LS-E6SF Datasheet HTML 10Page - OSRAM GmbH LS-E6SF Datasheet HTML 11Page - OSRAM GmbH LS-E6SF Datasheet HTML 12Page - OSRAM GmbH LS-E6SF Datasheet HTML 13Page - OSRAM GmbH LS-E6SF Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LS E6SF, LR E6SF, LA E6SF, LO E6SF, LY E6SF
2010-01-15
10
Durchlassstrom
2) Seite 18
Forward Current
2) page 18
I
F = f (VF); TS = 25 °C
Relative Vorwärtsspannung
2) Seite 18
Relative Forward Voltage
2) page 18
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 50 mA
Relative Lichtstärke
2) 7) Seite 18
Relative Luminous Intensity
2) 7) page 18
I
V/IV(grouping current) = f (IF); TS = 25 °C
Relative Lichtstärke
2) Seite 18
Relative Luminous Intensity
2) page 18
I
V/IV(25 °C) = f (Tj); IF = 50 mA
OHL02665
mA
10
0
V
10
1
2
10
I
F
V
F
2.3
1.5
1.7
1.9
2.1
2.5
amber, orange
yellow
super red, red
OHL02667
T
F
V
j
-40
-0.2
-20
0
20 40
0.25
˚C
60
100
-60
V
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
Δ
OHL03815
I
F
10
0
510
1
10
mA
2
102
-1
10
0
10
5
1
10
5
5
10-2
(4 mA)
V
I
I
V /
(50 mA)
/
II
VV
5
OHL02666
0
-40
˚C
T
(25 ˚C)
I
V
I
V
0.5
1.0
1.5
2.0
2.5
-20
0
20 40 60
100
super red
j
-60
amber
red
orange
yellow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com