Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR-E6SF Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LR-E6SF
Description  white P-LCC-4 package, colorless clear silicone resin
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR-E6SF Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LR-E6SF Datasheet HTML 2Page - OSRAM GmbH LR-E6SF Datasheet HTML 3Page - OSRAM GmbH LR-E6SF Datasheet HTML 4Page - OSRAM GmbH LR-E6SF Datasheet HTML 5Page - OSRAM GmbH LR-E6SF Datasheet HTML 6Page - OSRAM GmbH LR-E6SF Datasheet HTML 7Page - OSRAM GmbH LR-E6SF Datasheet HTML 8Page - OSRAM GmbH LR-E6SF Datasheet HTML 9Page - OSRAM GmbH LR-E6SF Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
2010-01-15
6
LS E6SF, LR E6SF, LA E6SF, LO E6SF, LY E6SF
Wellenlängengruppen für Standardselektion(Dominantwellenlänge)
5)Seite 18
Wavelength Groups for Standard Selection(Dominant Wavelength)
5) page 18
Gruppe
Group
amber
orange
yellow
Einheit
Unit
min.
max.
min.
max.
min.
max.
2
612
616
600
603
nm
3
616
620
603
606
583
586
nm
4
620
624
606
609
586
589
nm
5
589
592
nm
6
592
595
nm
Wellenlängengruppen für Stop-Bremslicht-Selektion (Dominantwellenlänge)
5)Seite 18
Wavelength Groups for Stop / Tail light Selection (Dominant Wavelength)
5) page 18
Gruppe
Group
amber @4 mA
amber @50 mA
Einheit
Unit
min.
max.
min.
max.
2
611
616
612
616
nm
3
615
620
616
620
nm
4
619
624
620
624
nm
Durchlassspannungsgruppen für Standardselektion
6) Seite 18
Forward Voltage Groups for Standard Selection
6) page 18
Gruppe
Group
super-red
red
amber
orange
yellow
Einheit
Unit
min.
max.
min.
max.
min.
max.
min.
max.
min.
max.
3A
1.90
2.05
1.90
2.05
1.90
2.05
1.90
2.05
V
3B
2.05
2.20
2.05
2.20
2.05
2.20
2.05
2.20
2.05
2.20
V
4A
2.20
2.35
2.20
2.35
2.20
2.35
2.20
2.35
2.20
2.35
V
4B
2.35
2.50
2.35
2.50
2.35
2.50
2.35
2.50
2.35
2.50
V
5A
2.50
2.65
V
Durchlassspannungsgruppen für Stop-Bremslicht-Selektion
6) Seite 18
Forward Voltage Groups for Stop / Tail light Selection
6) page 18
Gruppe
Group
amber @4 mA
amber @50 mA
Einheit
Unit
min.
max.
min.
max.
2A
1.65
1.80
V
2B
1.80
1.95
V
3A
1.90
2.05
V
3B
2.05
2.20
V
4A
2.20
2.35
V
4B
2.35
2.50
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com