Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MDP16 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MDP16
Description  Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MDP16 Datasheet(HTML) 1 Page - Vishay Siliconix

  MDP16 Datasheet HTML 1Page - Vishay Siliconix MDP16 Datasheet HTML 2Page - Vishay Siliconix MDP16 Datasheet HTML 3Page - Vishay Siliconix MDP16 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 31511
Revision 06-Aug-02
www.vishay.com
40
MDP 14, 16
Vishay Dale
For Technical Questions, contact: ff2aresistors@vishay.com
FEATURES
• 0.160" [4.06mm] maximum seated height and rugged,
molded case construction.
• Highly stable thick film
• Low temperature coefficient (- 55
°C to + 125°C)
± 100ppm/°C
• Reduces total assembly costs
• Compatible with automatic inserting equipment
• Wide resistance range
• Uniform performance characteristics
• Available in tube pack
Thick Film Resistor Networks, Dual-In-Line,
Molded DIP, 01, 03, 05 Schematics
01
03
SCHEMATIC
01 and 03 Schematics
ORDERING INFORMATION
EXAMPLE:
MDP14-05-221/271G = A 14 pin dual-in-line thick film
resistor network with 12 series pair of resistors of 220 ohm
and 270 ohm per pair and a tolerance of
± 2%.
EXAMPLE:
MDP14-03-101G = A dual-in-line thick film resistor network
with 14 pins on 0.100" [2.54mm] centers, 03 Schematic,
resistance of 100 ohm and a tolerance of
± 2%.
14
NUMBER OF PINS
101
RESISTANCE VALUE
05
SCHEMATIC
221
RESISTANCE VALUE R
1
271
RESISTANCE VALUE R
2
05 Schematic
First two digits (3 for "F" tolerance) are significant
figures. The last digit specifies the number
of zeros to follow.
First 2 digits (3 for "F"
tolerance) are significant
figures. Last digit
specifies number of zeros
to follow.
G
TOLERANCE
F =
± 1%
G=
± 2%
J =
± 5%
MDP
MODEL
MDP
MODEL
14
NUMBER OF PINS
G
TOLERANCE
STANDARD ELECTRICAL SPECIFICATIONS
MODEL/
SCHEMATIC
RESISTOR
RESISTANCE
STANDARD
TEMPERATURE
TCR
WEIGHT
NO. OF
POWER RATING
RANGE
TOLERANCE
COEFFICIENT
TRACKING**
PINS
Max. @ 70
°C*
(- 55
°C to + 125°C) (- 55°C to + 125°C)
W
Ω
%
ppm/
°C
ppm/
°Cg
MDP 14
01
0.125
10 - 2.2M
± 1, ± 2, ± 5
± 100
± 50
1.3
03
0.250
10 - 2.2M
± 1, ± 2, ± 5
± 50
05
0.125
Consult factory
± 1, ± 2, ± 5
± 100
MDP 16
01
0.125
10 - 2.2M
± 1, ± 2, ± 5
± 100
± 50
1.5
03
0.250
10 - 2.2M
± 1, ± 2, ± 5
± 50
05
0.125
Consult factory
± 1, ± 2, ± 5
± 100
* For resistor power ratings @ + 25
°C see derating curves.
** Tighter tracking available
F =
± 1%
G=
± 2%
J =
± 5%


Similar Part No. - MDP16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP16-45 VISHAY-MDP16-45 Datasheet
89Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
08-Sep-04
MDP16-46 VISHAY-MDP16-46 Datasheet
89Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
08-Sep-04
MDP160010R0FD04 VISHAY-MDP160010R0FD04 Datasheet
302Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
28-Jul-06
MDP160010R0FE04 VISHAY-MDP160010R0FE04 Datasheet
302Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
28-Jul-06
MDP160010R0GD04 VISHAY-MDP160010R0GD04 Datasheet
302Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
28-Jul-06
More results

Similar Description - MDP16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
08-Sep-04
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
02-Aug-02
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
25-Aug-06
MDM VISHAY-MDM Datasheet
134Kb / 5P
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
08-Jul-08
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
28-Jul-06
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
28-Jul-06
MSM VISHAY-MSM Datasheet
137Kb / 5P
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
25-Jul-08
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
12-Sep-13
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
29-Nov-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com