Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC753LP4ETR Datasheet(PDF) 1 Page - Analog Devices

Part # HMC753LP4ETR
Description  MMIC Low Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC753LP4ETR Datasheet(HTML) 1 Page - Analog Devices

  HMC753LP4ETR Datasheet HTML 1Page - Analog Devices HMC753LP4ETR Datasheet HTML 2Page - Analog Devices HMC753LP4ETR Datasheet HTML 3Page - Analog Devices HMC753LP4ETR Datasheet HTML 4Page - Analog Devices HMC753LP4ETR Datasheet HTML 5Page - Analog Devices HMC753LP4ETR Datasheet HTML 6Page - Analog Devices HMC753LP4ETR Datasheet HTML 7Page - Analog Devices HMC753LP4ETR Datasheet HTML 8Page - Analog Devices HMC753LP4ETR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1 GHz to 11 GHz, GaAs, HEMT,
MMIC Low Noise Amplifier
Data Sheet
HMC753
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Noise figure: 1.5 dB at 4 GHz (see Figure 10)
Gain
16.5 dB at 1 GHz to 6 GHz
14 dB at 6 GHz to 11 GHz
Output power for 1 dB compression (P1dB): 18 dBm
at 1 GHz to 6 GHz
Supply voltage (VDD): 5 V at 55 mA
Output third-order intercept (IP3): 30 dBm at 1 GHz to 6 GHz
50 Ω matched input/output (I/O)
24-lead lead frame chip scale package (LFCSP): 16 mm2
APPLICATIONS
Point to point radios
Point to multipoint radios
Military and space
Test instrumentation
FUNCTIONAL BLOCK DIAGRAM
13
1
3
4
2
GND
GND
RFIN
GND
5
6
GND
GND
GND
14
GND
15
GND
16
RFOUT
17
GND
18
GND
HMC753
Figure 1.
GENERAL DESCRIPTION
The HMC753 is a gallium arsenide (GaAs), monolithic
microwave integrated circuit (MMIC), low noise, wideband
amplifier housed in a leadless, 4 mm × 4 mm LFCSP. The amplifier
operates between 1 GHz and 11 GHz, providing up to 16.5 dB
of small signal gain at 1 GHz to 6 GHz, a 1.5 dB noise figure at
4 GHz (see Figure 10), and an output IP3 of 30 dBm at 1 GHz to
6 GHz, while requiring only 55 mA from a 5 V supply.
The P1dB output power of up to 18 dBm at 1 GHz to 6 GHz
enables the low noise amplifier (LNA) to function as a local
oscillator (LO) driver for balanced, I/Q, or image rejection
mixers. The HMC753 also features I/Os that are dc blocked and
internally matched to 50 Ω, making the device ideal for high
capacity microwave radios or very small aperture terminal (VSAT)
applications.


Similar Part No. - HMC753LP4ETR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC753LP4ETR AD-HMC753LP4ETR Datasheet
429Kb / 14P
Point to point radios
Rev. D
More results

Similar Description - HMC753LP4ETR

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PMA-5452+ MINI-PMA-5452+ Datasheet
155Kb / 1P
Ultra Low Noise MMIC Amplifier
PMA-5456+ MINI-PMA-5456+ Datasheet
156Kb / 1P
Ultra Low Noise MMIC Amplifier
PSA-5453 MINI-PSA-5453_11 Datasheet
191Kb / 1P
Ultra Low Noise MMIC Amplifier
logo
M/A-COM Technology Solu...
MAAM37000 MA-COM-MAAM37000 Datasheet
247Kb / 4P
Low Noise GaAs MMIC Amplifier
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
172Kb / 3P
Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000_15 Datasheet
247Kb / 4P
Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000_16 Datasheet
975Kb / 5P
Low Noise GaAs MMIC Amplifier
logo
Analog Devices
HMC903LP3E AD-HMC903LP3E Datasheet
281Kb / 13P
MMIC, Low Noise Amplifier
Feb-2018
HMC7950 AD-HMC7950 Datasheet
405Kb / 16P
MMIC Low Noise Amplifier
Sep-2017
HMC8400 AD-HMC8400 Datasheet
312Kb / 15P
MMIC Low Noise Amplifier
May-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com