Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP8712GL Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8712GL
Description  High Efficiency,12A,18V, Synchronous Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8712GL Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8712GL Datasheet HTML 1Page - Monolithic Power Systems MP8712GL Datasheet HTML 2Page - Monolithic Power Systems MP8712GL Datasheet HTML 3Page - Monolithic Power Systems MP8712GL Datasheet HTML 4Page - Monolithic Power Systems MP8712GL Datasheet HTML 5Page - Monolithic Power Systems MP8712GL Datasheet HTML 6Page - Monolithic Power Systems MP8712GL Datasheet HTML 7Page - Monolithic Power Systems MP8712GL Datasheet HTML 8Page - Monolithic Power Systems MP8712GL Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
EV8712-L-00A – 12A HIGH EFFICIENCY SYNC. STEP DOWN CONVERTER
EV8712-L-00A Rev. 1.0
www.MonolithicPower.com
2
6/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
EV8712-L-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
1
R1
80.6k
Film Res,1%
0603
ROYAL
RC0603FR-0780K6L
1
R2
120k
Film Res,1%
0603
ROYAL
RL0603FR-07120KL
1
R3
0 Ω
Film Res,1%
0603
ROYAL
RC0603FR-070RL
1
R4
10k
Film Res,1%
0603
ROYAL
RL0603FR-0710KL
1
R5
499k
Film Res,1%
0603
ROYAL
RL0603FR-07499KL
0
R6
NS
1
R7
100k
Film Res,1%
0603
ROYAL
RL0603FR-07100KL
2
C1, C3
0.1μF
Ceramic Cap,
25V,X7R
0603
muRata
GRM188R71E104KA01D
2
C1A,C1B,
22μF
Ceramic
Cap,25V,X5R
1206
muRata
GRM31CR61E226KE15L
4
C2,C2A,
C2B,C2C
22μF
Ceramic
Cap
,
25V,X5R
0805
muRata
GRM21BR61E226ME44L
0
C1C,C1D,
C2D,C2E
NS
1
C4
22pF
Ceramic Cap,
50V, X7R
0603
muRata
GRM1885C1H220JA01D
1
C5
0.47μF
Ceramic
Cap,16V,X7R
0603
muRata
GRM188R71C474KA88D
1
C6
22nF
Ceramic
Cap,16V,X7R
0603
muRata
GRM188R71C223KA01D
1
L1
1.5μH
Inductor,
DCR=2.1mΩ
SMD
Wurth
7443320150
1
U1
MP8712
Step-Down Converter
QFN14
(3*4)
MPS
MP8712GL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com