Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA5024IPZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HA5024IPZ
Description  Quad 125MHz Video CurrentFeedback Amplifier with Disable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5024IPZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HA5024IPZ Datasheet HTML 6Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 7Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 8Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 9Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 10Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 11Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 12Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 13Page - Renesas Technology Corp HA5024IPZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
HA5024
FN3550 Rev 6.00
Page 10 of 17
February 8, 2006
INPUT B
+
-
-5V
+
-
+5V
INHIBIT
CHANNEL
SWITCH
INPUT A
R1A
75
R1B
75
D1A
1N4148
U1C
U1A
U1B
U1D
R6
100K
R5A
2000
C1A
0.047
F
R5B
2000
D1B
1N4148
R1A
681
1
23
4
16
R3A
681
R4A
27
0.01
F
R2B
681
R4B
27
R3B
681
0.01
F
OUTPUT
7
6
5
13
10
U2B
U2A
C1B
0.047
F
NOTES:
22. U2: HA5022/24.
23. U1: CD4011.
FIGURE 10. LOW IMPEDANCE MULTIPLEXER
100
(NOTE 17)
100
(NOTE 17)
Typical Performance Curves
VSUPPLY = 5V, AV = +1, RF = 1k RL = 400 TA = 25°C,
Unless Otherwise Specified
FIGURE 11. NON-INVERTING FREQUENCY RESPONSE
FIGURE 12. INVERTING FREQUENCY RESPONSE
5
4
3
2
1
0
-1
-2
-3
-4
-5
FREQUENCY (MHz)
2
10
100
200
VOUT = 0.2VP-P
CL = 10pF
AV = +1, RF = 1k
AV = 2, RF = 681
AV = 5, RF = 1k
AV = 10, RF = 383
5
4
3
2
1
0
-1
-2
-3
-4
-5
2
10
100
200
FREQUENCY (MHz)
VOUT = 0.2VP-P
CL = 10pF
RF = 750
AV = -1
AV = -2
AV = -10
AV = -5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com