Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP4080AIB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HIP4080AIB
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4080AIB Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HIP4080AIB Datasheet HTML 2Page - Renesas Technology Corp HIP4080AIB Datasheet HTML 3Page - Renesas Technology Corp HIP4080AIB Datasheet HTML 4Page - Renesas Technology Corp HIP4080AIB Datasheet HTML 5Page - Renesas Technology Corp HIP4080AIB Datasheet HTML 6Page - Renesas Technology Corp HIP4080AIB Datasheet HTML 7Page - Renesas Technology Corp HIP4080AIB Datasheet HTML 8Page - Renesas Technology Corp HIP4080AIB Datasheet HTML 9Page - Renesas Technology Corp HIP4080AIB Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
HIP4080A
FN3658 Rev.7.00
Page 6 of 17
July 2004
Switching Specifications VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 10K,
CL = 1000pF, and TA = +25°C, Unless Otherwise Specified
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = - 40°C
TO +125°C
UNITS
MIN
TYP MAX
MIN
MAX
Lower Turn-off Propagation Delay (IN+/IN- to ALO/BLO)
TLPHL
-
40
70
-
90
ns
Upper Turn-off Propagation Delay (IN+/IN- to AHO/BHO)
THPHL
-50
80-
110
ns
Lower Turn-on Propagation Delay (IN+/IN- to ALO/BLO)
TLPLH
-
40
70
-
90
ns
Upper Turn-on Propagation Delay (IN+/IN- to AHO/BHO)
THPLH
-
70
110
-
140
ns
Rise Time
TR
-
10
25
-
35
ns
Fall Time
TF
-
10
25
-
35
ns
Turn-on Input Pulse Width
TPWIN-ON
50
-
-
50
-
ns
Turn-off Input Pulse Width
TPWIN-OFF
40
-
-
40
-
ns
Disable Turn-off Propagation Delay
(DIS - Lower Outputs)
TDISLOW
-
45
75
-
95
ns
Disable Turn-off Propagation Delay
(DIS - Upper Outputs)
TDISHIGH
-55
85-
105
ns
Disable to Lower Turn-on Propagation Delay
(DIS - ALO and BLO)
TDLPLH
-
45
70
-
90
ns
Refresh Pulse Width (ALO and BLO)
TREF-PW
240
380
500
200
600
ns
Disable to Upper Enable (DIS - AHO and BHO)
TUEN
-
480
630
-
750
ns
HEN-AHO, BHO Turn-off, Propagation Delay
THEN-PHL
RHDEL = RLDEL = 10K
-
40
70
-
90
ns
HEN-AHO, BHO Turn-on, Propagation Delay
THEN-PLH
RHDEL = RLDEL = 10K
-
60
90
-
110
ns
TRUTH TABLE
INPUT
OUTPUT
IN+ > IN-
HEN
U/V
DIS
ALO
AHO
BLO
BHO
X
X
X
10000
0
0001000
1
1000110
0
1001001
1
0000010
X
X
1
X
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com