Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICM7216BlPl Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICM7216BlPl
Description  8-Digit, Multi-Function, Frequency Counters/Timers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICM7216BlPl Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICM7216BlPl Datasheet HTML 9Page - Renesas Technology Corp ICM7216BlPl Datasheet HTML 10Page - Renesas Technology Corp ICM7216BlPl Datasheet HTML 11Page - Renesas Technology Corp ICM7216BlPl Datasheet HTML 12Page - Renesas Technology Corp ICM7216BlPl Datasheet HTML 13Page - Renesas Technology Corp ICM7216BlPl Datasheet HTML 14Page - Renesas Technology Corp ICM7216BlPl Datasheet HTML 15Page - Renesas Technology Corp ICM7216BlPl Datasheet HTML 16Page - Renesas Technology Corp ICM7216BlPl Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ICM7216B, ICM7216D
FN3166 Rev.4.00
Page 13 of 18
Jan 7, 2004
Test Circuit
Typical Applications
The lCM7216 has been designed for use in a wide range of
Universal and Frequency counters. In many cases, prescalers will
be required to reduce the input frequencies to under 10MHz.
Because INPUT A and INPUT B are digital inputs, additional
circuitry is often required for input buffering, amplification,
hysteresis, and level shifting to obtain a good digital signal.
The lCM7216B can be used as a minimum component
complete Universal Counter as shown in Figure 15. This circuit
can use input frequencies up to 10MHz at INPUT A and 2MHz
at INPUT B. If the signal at INPUT A has a very low duty cycle
it may be necessary to use a 74LS121 monostable
multivibrator or similar circuit to stretch the input pulse width to
be able to guarantee that it is at least 50ns in duration.
To measure frequencies up to 40MHz the circuit of Figure 16
can be used. To obtain the correct measured value, it is
necessary to divide the oscillator frequency by four as well as
the input frequency. In doing this the time between
measurements is also lengthened to 800ms and the display
multiplex rate is decreased to 125Hz.
If the input frequency is prescaled by ten, then the oscillator
can remain at 10MHz or 1MHz, but the decimal point must be
moved one digit to the right. Figure 17 shows a frequency
counter with a 10 prescaler and an lCM7216A. Since there is
no external decimal point control with the lCM7216B, the
decimal point may be controlled externally with additional
drivers as shown in Figure 17. Alternatively, if separate anodes
are available for the decimal points, they can be wired up to the
adjacent digit anodes. Note that there can be one zero to the
left of the decimal point since the internal leading zero blanking
cannot be changed. In Figure 18 additional logic has been
added to count the input directly in period mode for maximum
accuracy. In Figures 17 and 18, INPUT A comes from QC of
the prescaler rather than QD to obtain an input duty cycle of
40%.
FUNCTION
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
a
b
c
d
e
f
g
DP
INPUT A
100pF
INPUT B
10K
DP
D1
D2
D3
D4
D8
D5
F
P
FR
TI.
U.C.
O.F.
RESET
LED
OVERFLOW
INDICATOR
D8
D8
D7
D6
D5
D4
D3
D2
D1
D1
D2
D3
D4
.01/1
.1/10
1/100
10/1K
10k
D1
D2
D3
D4
D5
D6
D7
D8
VDD
ICM7216A
e
g
a
d
b
c
f
VDD
10k
VDD
10k
22M
10MHz
CRYSTAL
39pF
TYP
VDD
DISPLAY
BLANK
DISPLAY
TEST 1MHz
EXT
TEST
OSC
39pF
D4
D8
D2
D1
D5
EXT
OSC
INPUT
TYPICAL CRYSTAL SPECS:
F = 10MHz PARALLEL RESONANCE
CL = 22pF
RS = <35
FUNCTION
RANGE
8
8
4
6
8
HOLD
GENERATOR
FUNCTION
GENERATOR
1N914s
FIGURE 14. TEST CIRCUIT (ICM7216A SHOWN, OTHERS SIMILAR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com