Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL5829/2IN Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL5829/2IN
Description  Dual 12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5829/2IN Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL5829/2IN Datasheet HTML 2Page - Renesas Technology Corp ISL5829/2IN Datasheet HTML 3Page - Renesas Technology Corp ISL5829/2IN Datasheet HTML 4Page - Renesas Technology Corp ISL5829/2IN Datasheet HTML 5Page - Renesas Technology Corp ISL5829/2IN Datasheet HTML 6Page - Renesas Technology Corp ISL5829/2IN Datasheet HTML 7Page - Renesas Technology Corp ISL5829/2IN Datasheet HTML 8Page - Renesas Technology Corp ISL5829/2IN Datasheet HTML 9Page - Renesas Technology Corp ISL5829/2IN Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ISL5829
FN6020 Rev 1.00
Page 6 of 13
Feb 2002
AC CHARACTERISTICS (Using Figure 13 with RDIFF = 50 and RLOAD = 50, Full Scale Output = -2.5dBm
Spurious Free Dynamic Range,
SFDR Within a Window
fCLK = 210MSPS, fOUT = 80.8MHz, 30MHz Span (Notes 4, 7)
-
72
-
dBc
fCLK = 210MSPS, fOUT = 40.4MHz, 30MHz Span (Notes 4, 7)
-
78
-
dBc
fCLK = 130MSPS, fOUT = 20.2MHz, 20MHz Span (Notes 4, 7)
-
84
-
dBc
Spurious Free Dynamic Range,
SFDR to Nyquist (fCLK/2)
fCLK = 210MSPS, fOUT = 80.8MHz (Notes 4, 7)
-
54
-
dBc
fCLK = 210MSPS, fOUT = 40.4MHz (Notes 4, 7, 9)
-
65
-
dBc
fCLK = 200MSPS, fOUT = 20.2MHz, T = 25°C (Notes 4, 7)
60
66
-
dBc
fCLK = 200MSPS, fOUT = 20.2MHz, T = -40°C to 85°C (Notes 4, 7)
58
-
-
dBc
fCLK = 130MSPS, fOUT = 50.5MHz (Notes 4, 7)
-
57
-
dBc
fCLK = 130MSPS, fOUT = 40.4MHz (Notes 4, 7)
-
62
-
dBc
fCLK = 130MSPS, fOUT = 20.2MHz (Notes 4, 7)
-
69
-
dBc
fCLK = 130MSPS, fOUT = 10.1MHz, T = -40oC to 85oC (Notes 4, 7)
68
73
-
dBc
fCLK = 130MSPS, fOUT = 5.05MHz (Notes 4, 7)
-
77
-
dBc
fCLK = 100MSPS, fOUT = 40.4MHz (Notes 4, 7)
-
60
-
dBc
fCLK = 80MSPS, fOUT = 30.3MHz (Notes 4, 7)
-
63
-
dBc
fCLK = 80MSPS, fOUT = 20.2MHz (Notes 4, 7)
-
70
-
dBc
fCLK = 80MSPS, fOUT = 10.1MHz (Notes 4, 7, 9)
-
73
-
dBc
fCLK = 80MSPS, fOUT = 5.05MHz (Notes 4, 7)
-
76
-
dBc
fCLK = 50MSPS, fOUT = 20.2MHz (Notes 4, 7)
-
66
-
dBc
fCLK = 50MSPS, fOUT = 10.1MHz (Notes 4, 7)
-
73
-
dBc
fCLK = 50MSPS, fOUT = 5.05MHz (Notes 4, 7)
-
77
-
dBc
Spurious Free Dynamic Range,
SFDR in a Window with Eight Tones
fCLK = 210MSPS, fOUT = 28.3MHz to 45.2MHz, 2.1MHz Spacing,
50MHz Span (Notes 4, 7, 9)
-64
-
dBc
fCLK = 130MSPS, fOUT = 17.5MHz to 27.9MHz, 1.3MHz Spacing,
35MHz Span (Notes 4, 7)
-67
-
dBc
fCLK = 80MSPS, fOUT = 10.8MHz to 17.2MHz, 811kHz Spacing,
15MHz Span (Notes 4, 7)
-74
-
dBc
fCLK = 50MSPS, fOUT = 6.7MHz to 10.8MHz, 490kHz Spacing,
10MHz Span (Notes 4, 7)
-75
-
dBc
Spurious Free Dynamic Range,
SFDR in a Window with EDGE or GSM
fCLK = 78MSPS, fOUT = 11MHz, in a 20MHz Window, RBW = 30kHz
(Notes 4, 7, 9)
-90
-
dBc
Adjacent Channel Power Ratio,
ACPR with UMTS
fCLK = 76.8MSPS, fOUT = 19.2MHz, RBW = 30kHz (Notes 4, 7, 9)
-
70
-
dB
VOLTAGE REFERENCE
Internal Reference Voltage, VFSADJ
Pin 20 Voltage with Internal Reference
1.2
1.23
1.3
V
Internal Reference Voltage Drift
-
40
-
ppm/°C
Internal Reference Output Current
Sink/Source Capability
Reference is not intended to drive an external load
-
0
-
A
Reference Input Impedance
-1
-
M
Reference Input Multiplying Bandwidth (Note 7)
-
1.0
-
MHz
Electrical Specifications
AVDD = DVDD = +3.3V, VREF = Internal 1.2V, IOUTFS = 20mA, TA = 25°C for All Typical Values (Continued)
PARAMETER
TEST CONDITIONS
TA = -40°C TO 85°C
UNITS
MIN
TYP
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com