Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6410AIU Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6410AIU
Description  Single Synchronous Buck Regulators with Integrated FET
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6410AIU Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6410AIU Datasheet HTML 6Page - Renesas Technology Corp ISL6410AIU Datasheet HTML 7Page - Renesas Technology Corp ISL6410AIU Datasheet HTML 8Page - Renesas Technology Corp ISL6410AIU Datasheet HTML 9Page - Renesas Technology Corp ISL6410AIU Datasheet HTML 10Page - Renesas Technology Corp ISL6410AIU Datasheet HTML 11Page - Renesas Technology Corp ISL6410AIU Datasheet HTML 12Page - Renesas Technology Corp ISL6410AIU Datasheet HTML 13Page - Renesas Technology Corp ISL6410AIU Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
ISL6410, ISL6410A
FN9149 Rev 3.00
Page 10 of 13
September 17, 2004
FIGURE 8. ISL6410 OSCILLATOR FREQUENCY vs
TEMPERATURE
FIGURE 9. ISL6410A OSCILLATOR FREQUENCY vs
TEMPERATURE
CH1 = Top, CH2 = Middle, CH4 = Bottom, where applicable
FIGURE 10. SWITCHING WAVEFORM FOR ISL6410
FIGURE 11. SWITCHING WAVEFORM FOR ISL6410A
FIGURE 12. TRANSIENT LOAD WAVEFORM FOR ISL6410
FIGURE 13. TRANSIENT LOAD WAVEFORM FOR ISL6410A
Performance Curves and Waveforms (Continued)
85
35
-40
800
790
780
770
750
TEMPERATURE (°C)
10
60
-15
760
85
35
-40
780
770
760
750
730
TEMPERATURE (°C)
10
60
-15
740
VOUT
L PIN VOLTAGE
L1 CURRENT
0.5µs/DIV
CH1 = 0.1V/DIV, CH2 = 2V/DIV CH4 = 200mA/DIV
VOUT
L PIN VOLTAGE
L1 CURRENT
0.5µs/DIV
CH1 = 0.1V/DIV, CH2 = 2V/DIV CH4 = 200mA/DIV
VIN = 5.0V, VOUT = 1.2V, IOUT = 0.5A
0.5ms/DIV
CH1 = 0.2V/DIV, CH4 = 200mA/DIV
VOUT
IOUT
VIN = 3.3V, VOUT = 1.2V
CH1 = 0.1V/DIV, CH4 = 200mA/DIV
VOUT
IOUT
VIN = 5.0V, VOUT = 1.2V
0.5ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com