Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6740IBZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6740IBZ
Description  Flexible Double Ended Voltage and Current Mode PWM Controllers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6740IBZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6740IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6740IBZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ISL6740, ISL6741
FN9111 Rev.7.00
Page 10 of 30
Jul 7, 2017
Absolute Maximum Ratings (Note 6)
Thermal Information
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +20.0V
OUTA, OUTB, Signal Pins . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VREF
VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .GND - 0.3V to 6.0V
Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.5A
ESD Classification
Human Body Model (Per MIL-STD-883 Method 3015.7). . . . . . . . .1.5kV
Charged Device Model (Per EOS/ESD DS5.3, 4/14/93). . . . . . . . . . 1kV
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
16 Ld SOIC (Notes 4, 5) . . . . . . . . . . . . . . . .
74
33
16 Ld TSSOP (Notes 4, 5) . . . . . . . . . . . . . .
98
30
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . .-55°C to +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
Supply Voltage Range (Typical). . . . . . . . . . . . . . . . . . . . . . . 9VDC to 16VDC
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379.
5. For
JC, the “case temp” location is taken at the package top center.
6. All voltages are with respect to GND.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagrams” starting on
page 3 and Typical Application Schematics on page 5 to page 9. 9V < VDD < 20 V, RTD = 51.1kΩ, RTC = 10kΩ, CT = 470pF, TA = -40°C to +105°C, Typical
values are at TA = +25°C. Boldface limits apply across the operating temperature range, -40°C to +105°C
PARAMETER
TEST CONDITIONS
MIN
(Note 7)TYP
MAX
(Note 7
UNIT
SUPPLY VOLTAGE
Start-Up Current, IDD
VDD < START threshold
-
95
140
µA
Operating Current, IDD
RLOAD, COUTA,B = 0
-
5.0
8.0
mA
COUTA,B = 1nF
-
7.0
12.0
mA
UVLO START Threshold
6.50
7.25
8.00
V
UVLO STOP Threshold
6.00
6.75
7.50
V
Hysteresis
0.25
0.50
0.75
V
REFERENCE VOLTAGE
Overall Accuracy
IVREF = 0, -20mA
4.900
5.000
5.050
V
Long Term Stability
TA = +125°C, 1000 hours
-
3
-
mV
Fault Voltage
4.10
4.55
4.75
V
VREF Good Voltage
4.25
4.75
VREF - 0.05
V
Hysteresis
75
165
250
mV
Operational Current (Source)
-20
-
-
mA
Operational Current (Sink)
5-
-
mA
Current Limit
-25
-
-100
mA
CURRENT SENSE
Current Limit Threshold
VERROR = VREF
0.55
0.6
0.65
V
CS to OUT Delay
-35
50
ns
CS Sink Current
-10
-
mA
Input Bias Current
-1.00
-
1.00
µA
CS to PWM Comparator Input Offset (ISL6741)
(Note 7)-
80
-
mV
Gain (ISL6741)
ACS = VERROR/VCS
-4
-
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com