Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LG-M67K Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LG-M67K
Description  white SMT package, colorless clear resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LG-M67K Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LG-M67K Datasheet HTML 4Page - OSRAM GmbH LG-M67K Datasheet HTML 5Page - OSRAM GmbH LG-M67K Datasheet HTML 6Page - OSRAM GmbH LG-M67K Datasheet HTML 7Page - OSRAM GmbH LG-M67K Datasheet HTML 8Page - OSRAM GmbH LG-M67K Datasheet HTML 9Page - OSRAM GmbH LG-M67K Datasheet HTML 10Page - OSRAM GmbH LG-M67K Datasheet HTML 11Page - OSRAM GmbH LG-M67K Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2014-10-30
8
Version 1.2
LG M67K
Forward Current 7) page 19
Durchlassstrom 7) Seite 19
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 19 , 8) page 19
Relative Lichtstärke 7) Seite 19 , 8) Seite 19
IV/IV(2 mA) = f(IF); TS = 25 °C
Relative Luminous Intensity 7) page 19
Relative Lichtstärke 7) Seite 19
IV/IV(25)°C = f(Tj); IF = 2 mA
V
OHL00802
1.4
10
-3
10
-2
10
-1
10
0
10
1
mA
10
2
IF
V
F
1.6
1.8
2.0
2.2
10
10
0
mA
1
10
I
F
2
OHL00801
V
V (2 mA)
I
10
2
I
10
-1
10
0
10
1
OHL00800
0
-60
T
I
V (25˚C)
I
V
-40 -20
0
20 40 60
˚C 100
0.5
1.0
1.5
2.0
3.0
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com