Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F14616 Datasheet(PDF) 4 Page - Ledil, Inc.

Part # F14616
Description  ~10째 spot beam compatible with BJB connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F14616 Datasheet(HTML) 4 Page - Ledil, Inc.

  F14616 Datasheet HTML 1Page - Ledil, Inc. F14616 Datasheet HTML 2Page - Ledil, Inc. F14616 Datasheet HTML 3Page - Ledil, Inc. F14616 Datasheet HTML 4Page - Ledil, Inc. F14616 Datasheet HTML 5Page - Ledil, Inc. F14616 Datasheet HTML 6Page - Ledil, Inc. F14616 Datasheet HTML 7Page - Ledil, Inc. F14616 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PRODUCT
DATASHEET
F14616_ANGELETTE-S-B
PHOTOMETRIC DATA (MEASURED):
LED
CLL03x/CLU03x
FWHM
12.0°
Efficiency
90 %
Peak intensity
8.100 cd/lm
Required components:
A.A.G. STUCCHI: 8101/G2
LED
CXA/B 1816 & CXA/B 1820 & CXA 1850
FWHM
10.0°
Efficiency
91 %
Peak intensity
10.700 cd/lm
Required components:
A.A.G. STUCCHI: 8403/G2
LED
CXA/B 25xx
FWHM
14.0°
Efficiency
90 %
Peak intensity
5.900 cd/lm
Required components:
A.A.G. STUCCHI: 8401/G2
LED
LUXEON CoB 1208
FWHM
12.0°
Efficiency
91 %
Peak intensity
7.800 cd/lm
Required components:
A.A.G. STUCCHI: 8301/G2
Last update: 21/05/2018
Subject to change without prior notice
4/8
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com