Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE8457ASJ Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE8457ASJ
Description  LIN Transceiver with integrated Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457ASJ Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE8457ASJ Datasheet HTML 14Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 15Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 16Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 17Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 18Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 19Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 20Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 21Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Data Sheet
18
Rev. 1.0
2016-08-05
TLE8457
LIN Transceiver with integrated Voltage Regulator
Functional Description
4.5.1
TxD Time-out
The TxD time-out feature protects the LIN bus against permanent blocking in case the logical signal on the TxD
input is continuously “low”, caused by for example a malfunctioning microcontroller or a short circuit on the
printed circuit board. In Normal Operation Mode, a logical “low” signal on the TxD input for time t > tTxD
disables the transmitter’s output driver stage (see Figure 15). The receiver will remain active and the data on
the bus are still monitored on the RxD output.
The TLE8457 will release the output stage after a TxD time-out event first when detecting a logical “high”
signal on the respective TxD input for the time tto,rec.
Figure 15
TxD time-out
4.5.2
Short Circuit
The BUS pin of TLE8457 can withstand short circuits to either GND or to the power supply VS. The integrated
over-temperature protection may disable the transmitter if a permanent short circuit on the BUS pin causes
the TLE8457 to overheat.
4.6
Over-temperature Protection
The TLE8457 has two independent over-temperature detectors for protecting the device against thermal
overstress; on the voltage regulator pass element and on the LIN bus transmitter. In case the junction
temperature at the LIN transmitter increase above the thermal shut down level TJSD, it will be disabled until
the transmitter’s junction temperature cools down below TJ < TJSD - ∆T. No other effect nor mode change will
occur. After a LIN transmitter over-temperature recovery the TxD input requires a logical “high” signal before
restarting data transmission.
If an over-temperature event is detected on the voltage regulator, it will be disabled and the NRST output will
be set “low”. During the over-temperature condition no functionality of the TLE8457 is available. After the
junction temperature cools down below TJ < TJSD - ∆T, the TLE8457 will automatically enter Init Mode and be
reactivated.
Note:
Depending on the over-temperature circumstance, either only the LIN transmitter will detect over-
temperature, for example due to bus short circuit or severe EMC injection, only the voltage regulator
detector or both (simultaneously or sequentially).
TLE8457_TXD_TIMEOUT_A
t
TxD
tto,rec
tTxD
TxD time-out due to e.g. microcontroller error
Release after TxD time-out
Recovery of the microcontroller error
t
Normal communication
Normal communication
VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com