Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA9558PW Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9558PW
Description  8-bit I2C and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C EEPROM and 2 k bit EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9558PW Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9558PW Datasheet HTML 9Page - NXP Semiconductors PCA9558PW Datasheet HTML 10Page - NXP Semiconductors PCA9558PW Datasheet HTML 11Page - NXP Semiconductors PCA9558PW Datasheet HTML 12Page - NXP Semiconductors PCA9558PW Datasheet HTML 13Page - NXP Semiconductors PCA9558PW Datasheet HTML 14Page - NXP Semiconductors PCA9558PW Datasheet HTML 15Page - NXP Semiconductors PCA9558PW Datasheet HTML 16Page - NXP Semiconductors PCA9558PW Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Philips Semiconductors
Product data
PCA9558
8-bit I2C and SMBus I/O port with 5-bit multiplexed/1-bit
latched 6-bit I2C EEPROM and 2 k bit EEPROM
2002 May 24
13
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134)
Voltages are referenced to GND (ground = 0 V)
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VDD
DC supply voltage
2.5 to 4.6
V
VI
DC input voltage
Note 3
–0.5 to VCC +0.5
V
VOUT
DC output voltage
Note 3
–0.5 to VCC +0.5
V
Tstg
Storage temperature range
–60 to +150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDD
DC supply voltage
3
3.6
V
VIL
IOL= 3 mA
–0.5
0.9
V
SCL SDA
VIH
IOL= 3 mA
2.7
4.0
V
SCL, SDA
VOL
IOL= 3 mA
—
0.4
V
VOL
IOL= 6 mA
—
0.6
V
MUX_OUT_LOW, MUX_IN,
VIL
–0.5
0.8
V
__
,
_
,
MUX_SELECT
VIH
2.0
4.0
V
MUX OUT NON MUXED OUT
IOL
VOL = 0.4 V
—
4
mA
MUX_OUT, NON_MUXED_OUT
IOH
—
100
µA
dt/dv
Input transition rise or fall time
0
10
ns/V
Tamb
Operating temperature
0
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com