Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCI4451 Datasheet(PDF) 39 Page - Texas Instruments

Part # PCI4451
Description  PC CARD AND OHCI CONTROLLER
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI4451 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCI4451 Datasheet HTML 35Page - Texas Instruments PCI4451 Datasheet HTML 36Page - Texas Instruments PCI4451 Datasheet HTML 37Page - Texas Instruments PCI4451 Datasheet HTML 38Page - Texas Instruments PCI4451 Datasheet HTML 39Page - Texas Instruments PCI4451 Datasheet HTML 40Page - Texas Instruments PCI4451 Datasheet HTML 41Page - Texas Instruments PCI4451 Datasheet HTML 42Page - Texas Instruments PCI4451 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 216 page
background image
2–21
Table 2–17. 16-Bit PC Card Interface Control Terminals (slots A and B)
TERMINAL
GFN NO.
GJG NO.
I/O
FUNCTION
NAME
SLOT
A†
SLOT
B‡
SLOT
A†
SLOT
B‡
I/O
FUNCTION
BVD1
(STSCHG/RI)
M2
A11
L1
A10
I
Battery voltage detect 1. BVD1 is generated by 16-bit memory PC Cards that
include batteries. BVD1 and BVD2 indicate the condition of the batteries on a
memory PC Card. Both BVD1 and BVD2 are kept high when the battery is good.
When BVD2 is low and BVD1 is high, the battery is weak and should be replaced.
When BVD1 is low, the battery is no longer serviceable and the data in the memory
PC Card is lost. See Section 5.6, ExCA Card Status-Change Interrupt
Configuration Register, for the enable bits. See Section 5.5, ExCA Card
Status-Change Register and Section 5.2, ExCA Interface Status Register, for the
status bits for this signal.
Status change. STSCHG is used to alert the system to a change in the READY,
write protect, or battery voltage dead condition of a 16-bit I/O PC Card.
Ring indicate. RI is used by 16-bit modem cards to indicate a ring detection.
BVD2
(SPKR)
M1
C11
L6
F10
I
Battery voltage detect 2. BVD2 is generated by 16-bit memory PC Cards that
include batteries. BVD2 and BVD1 indicate the condition of the batteries on a
memory PC Card. Both BVD1 and BVD2 are high when the battery is good. When
BVD2 is low and BVD1 is high, the battery is weak and should be replaced. When
BVD1 is low, the battery is no longer serviceable and the data in the memory PC
Card is lost. See Section 5.6, ExCA Card Status-Change Interrupt Configuration
Register, for the enable bits. See Section 5.5, ExCA Card Status-Change Register
and Section 5.2, ExCA Interface Status Register, for the status bits for this signal.
Speaker. SPKR is an optional binary audio signal available only when the card and
socket have been configured for the 16-bit I/O interface. The audio signals from
cards A and B are combined by the PCI4451 and are output on SPKROUT.
DMA request. BVD2 can be used as the DMA request signal during DMA
operations to a 16-bit PC Card that supports DMA. The PC Card asserts BVD2 to
indicate a request for a DMA operation.
CD1
CD2
A8
M4
J20
B10
F8
L4
J19
D10
I
PC Card detect 1 and PC Card detect 2. CD1 and CD2 are internally connected to
ground on the PC Card. When a PC Card is inserted into a socket, CD1 and CD2
are pulled low. For signal status, see Section 5.2, ExCA Interface Status Register.
CE1
CE2
A4
B4
F19
G17
D6
A5
G16
G14
O
Card enable 1 and card enable 2. CE1 and CE2 enable even- and odd-numbered
address bytes. CE1 enables even-numbered address bytes, and CE2 enables
odd-numbered address bytes.
INPACK
J3
B14
J4
A13
I
Input acknowledge. INPACK is asserted by the PC Card when it can respond to an
I/O read cycle at the current address.
DMA request. INPACK can be used as the DMA request signal during DMA
operations from a 16-bit PC Card that supports DMA. If used as a strobe, then the
PC Card asserts this signal to indicate a request for a DMA operation.
IORD
D5
D20
D5
F16
O
I/O read. IORD is asserted by the PCI4451 to enable 16-bit I/O PC Card data output
during host I/O read cycles.
DMA write. IORD is used as the DMA write strobe during DMA operations from a
16-bit PC Card that supports DMA. The PCI4451 asserts IORD during DMA
transfers from the PC Card to host memory.
IOWR
B3
D19
B4
F14
O
I/O write. IOWR is driven low by the PCI4451 to strobe write data into 16-bit I/O PC
Cards during host I/O write cycles.
DMA read. IOWR is used as the DMA write strobe during DMA operations from a
16-bit PC Card that supports DMA. The PCI4451 asserts IOWR during transfers
from host memory to the PC Card.
† Terminal name for slot A is preceded with A_. For example, the full name for GFN terminal G2 is A_ADDR25.
‡ Terminal name for slot B is preceded with B_. For example, the full name for GFN terminal A16 is B_ADDR25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com