Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS39513 Datasheet(PDF) 95 Page - ams AG

Part # AS39513
Description  NFC Sensor Tag and Data Logger IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS39513 Datasheet(HTML) 95 Page - ams AG

Back Button AS39513 Datasheet HTML 91Page - ams AG AS39513 Datasheet HTML 92Page - ams AG AS39513 Datasheet HTML 93Page - ams AG AS39513 Datasheet HTML 94Page - ams AG AS39513 Datasheet HTML 95Page - ams AG AS39513 Datasheet HTML 96Page - ams AG AS39513 Datasheet HTML 97Page - ams AG AS39513 Datasheet HTML 98Page - ams AG AS39513 Datasheet HTML 99Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 108 page
background image
ams Datasheet
Page 95
[v1-10] 2018-Apr-25
Document Feedback
AS39513 − Detailed Description
For direct commands that do not have a response, the signals
are as illustrated below.
Figure 53:
Direct Commands Without Response
When a direct command has a response, the signaling is similar
to the Read command, as shown below.
3’b110
Do Measurement
Duplicates the functionality of the RFID Do Measurement command. (See
that command for more details.) Before sending this Direct command it is
necessary to send a Reset Direct command via SPI. The DOMEAS[1:0]
parameter for the Do Measurement command is taken from DPARAM[1:0].
The response is the same 16-bit format as the RFID Do Measurement
command, unless there is an ADC error. In the case of an ADC error, 16’hA300
is returned. Note if TV2SET<TV1SET-1 which is not a valid configuration, a Do
Measurement command via SPI will result in 0x0000 being read; the ADC
error code 0xA300 is not returned in this particular case.
3’b111
Get Log Status
Duplicates the functionality of the RFID Get Log Status command. (See that
command for more details.) The response is the same 8-bit format as the RFID
Get Log Status command.
DCOM
Command
Description
CE
SCLK
DIN
DOUT
P2
P1
P0
11
C2
C1
C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com