Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EL7563 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # EL7563
Description  Monolithic 4 Amp DC/DC Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7563 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button EL7563 Datasheet HTML 7Page - Renesas Technology Corp EL7563 Datasheet HTML 8Page - Renesas Technology Corp EL7563 Datasheet HTML 9Page - Renesas Technology Corp EL7563 Datasheet HTML 10Page - Renesas Technology Corp EL7563 Datasheet HTML 11Page - Renesas Technology Corp EL7563 Datasheet HTML 12Page - Renesas Technology Corp EL7563 Datasheet HTML 13Page - Renesas Technology Corp EL7563 Datasheet HTML 14Page - Renesas Technology Corp EL7563 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
EL7563
FN7296 Rev 2.00
Page 11 of 16
May 13, 2005
Reference
A 1.5% temperature compensated bandgap reference is
integrated in the EL7563. The external VREF capacitor acts
as the dominant pole of the amplifier and can be increased
in size to maximize transient noise rejection. A value of
0.1µF is recommended.
Oscillator
The system clock is generated by an internal relaxation
oscillator with a maximum duty-cycle of approximately 95%.
Operating frequency can be adjusted through the COSC pin
or can be driven by an external source. If the oscillator is
driven by an external source care must be taken in selecting
the ramp amplitude. Since CSLOPE value is derived from the
COSC ramp, changes to COSC ramp will change the
CSLOPE compensation ramp which determine the open-loop
gain of the system.
When external synchronization is required, always choose
COSC such that the free-running frequency is at least 20%
lower than that of sync source to accommodate component
and temperature variations. Figure 22 shows a typical
connection.
Junction Temperature Sensor
An internal temperature sensor continuously monitors die
temperature. In the event that die temperature exceeds the
thermal trip-point, the system is in fault state and will be shut
down. The upper and low trip-points are set to 135°C and
115°C respectively.
The VTJ pin is an accurate indication of the internal silicon
junction temperature (see performance curve.) The junction
temperature TJ (°C) can be deducted from the following
relation:
Where VTJ is the voltage at VTJ pin in volts.
Power Good and Power On Reset
During power up the output regulator will be disabled until
VIN reaches a value of approximately 2.9V. About 300mV
hysteresis is present to eliminate noise-induced
oscillations.
Under-voltage and over-voltage conditions on the regulator
output are detected through an internal window comparator.
A logic high on the PG output indicates that the regulated
output voltage is within about +10% of the nominal selected
output voltage.
2
3
16
15
14
13
5
6
7
12
11
9
8
10
19
18
EL7563
1
20
EXTERNAL
OSCILLATOR
BAT54S
100pF
390pF
FIGURE 22. OSCILLATOR SYNCHRONIZATION
TJ
75 1.2 VTJ
–
0.00384
-------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com