Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP2101IB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HIP2101IB
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2101IB Datasheet(HTML) 5 Page - Renesas Technology Corp

  HIP2101IB Datasheet HTML 1Page - Renesas Technology Corp HIP2101IB Datasheet HTML 2Page - Renesas Technology Corp HIP2101IB Datasheet HTML 3Page - Renesas Technology Corp HIP2101IB Datasheet HTML 4Page - Renesas Technology Corp HIP2101IB Datasheet HTML 5Page - Renesas Technology Corp HIP2101IB Datasheet HTML 6Page - Renesas Technology Corp HIP2101IB Datasheet HTML 7Page - Renesas Technology Corp HIP2101IB Datasheet HTML 8Page - Renesas Technology Corp HIP2101IB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HIP2101
FN9025 Rev 9.00
Page 5 of 13
November 12, 2015
BOOT STRAP DIODE
Low-Current Forward Voltage
VDL
IVDD-HB = 100A
-
0.45
0.70
-
0.7
V
High-Current Forward Voltage
VDH
IVDD-HB = 100mA
-
0.7
0.92
-
1
V
Dynamic Resistance
RD
IVDD-HB = 100mA
-
0.8
1
-
1.5
LO GATE DRIVER
Low Level Output Voltage
VOLL
ILO = 100mA
-
0.25
0.3
-
0.4
V
High Level Output Voltage
VOHL
ILO = -100mA, VOHL = VDD-VLO
-
0.25
0.3
-
0.4
V
Peak Pullup Current
IOHL
VLO = 0V
-
2
---
A
Peak Pulldown Current
IOLL
VLO = 12V
-
2
-
-
-
A
HO GATE DRIVER
Low Level Output Voltage
VOLH
IHO = 100mA
-
0.25
0.3
-
0.4
V
High Level Output Voltage
VOHH
IHO = -100mA, VOHH = VHB-VHO
-
0.25
0.3
-
0.4
V
Peak Pullup Current
IOHH
VHO = 0V
-
2
---
A
Peak Pulldown Current
IOLH
VHO = 12V
-
2
-
-
-
A
Electrical Specifications
VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO, Unless Otherwise Specified (Continued)
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = 25°C
TJ = -40°C TO
125°C
UNITS
MIN
TYP
MAX
MIN
MAX
Switching Specifications VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO, Unless Otherwise Specified
PARAMETERS
SYMBOL
TEST
CONDITIONS
TJ = 25°C
TJ = -40°C
TO 125°C
UNITS
MIN
TYP
MAX
MIN
MAX
Lower Turn-Off Propagation Delay (LI Falling to LO Falling)
tLPHL
-
25
43
-
56
ns
Upper Turn-Off Propagation Delay (HI Falling to HO Falling)
tHPHL
-
25
43
-
56
ns
Lower Turn-On Propagation Delay (LI Rising to LO Rising)
tLPLH
-
25
43
-
56
ns
Upper Turn-On Propagation Delay (HI Rising to HO Rising)
tHPLH
-
25
43
-
56
ns
Delay Matching: Lower Turn-On and Upper Turn-Off
tMON
-2
13
-
16
ns
Delay Matching: Lower Turn-Off and Upper Turn-On
tMOFF
-2
13
-
16
ns
Either Output Rise/Fall Time
tRC,tFC
CL = 1000pF
-
10
-
-
-
ns
Either Output Rise/Fall Time (3V to 9V)
tR,tF
CL = 0.1F
-
0.5
0.6
-
0.8
us
Either Output Rise Time Driving DMOS
tRD
CL = IRFR120
-
20
-
-
-
ns
Either Output Fall Time Driving DMOS
tFD
CL = IRFR120
-
10
-
-
-
ns
Minimum Input Pulse Width that Changes the Output
tPW
--
--
50
ns
Bootstrap Diode Turn-On or Turn-Off Time
tBS
-10
-
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com