Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EL7566AIREZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL7566AIREZ
Description  Monolithic 6A DC/DC Step-Down Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7566AIREZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL7566AIREZ Datasheet HTML 1Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 2Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 3Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 4Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 5Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 6Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 7Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 8Page - Renesas Technology Corp EL7566AIREZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
EL7566
FN7102 Rev 7.00
Page 3 of 14
May 8, 2006
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
VIN, VDD to SGND. . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
VX to PGND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VIN +0.3V
SGND to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
COMP, VREF, FB, VO, VTJ, TM,
SEL, PG, EN, STP, STN, COSC to SGND . . . . . -0.3V to VDD +0.3V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Operating Ambient Temperature DRE . . . . . . . . . . . . . 0°C to +85°C
Operating Ambient Temperatute AIRE . . . . . . . . . . .-40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications
VDD = VIN = 3.3V, TA = TJ = 25°C, COSC = 390pF, Unless Otherwise Specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input Voltage Range
3
6
V
VREF
Reference Accuracy
1.24
1.26
1.28
V
VREFTC
Reference Temperature Coefficient
50
ppm/°C
VREFLOAD
Reference Load Regulation
0 < IREF < 50µA
-1
%
VRAMP
Oscillator Ramp Amplitude
1.15
V
IOSC_CHG
Oscillator Charge Current
0.1V < VOSC < 1.25V
200
µA
IOSC_DIS
Oscillator Discharge Current
0.1V < VOSC < 1.25V
8
mA
IVDD
VDD Supply Current
VEN = 1 (L disconnected)
2
2.7
5
mA
IVDD_OFF
VDD Standby Current
EN = 0
1
1.5
mA
VDD_OFF
VDD for Shutdown
2.4
2.65
V
VDD_ON
VDD for Startup
2.6
2.95
V
TOT
Over-temperature Threshold
135
°C
THYS
Over-temperature Hysteresis
20
°C
ILEAK
Internal FET Leakage Current
EN = 0, LX = 6V (low FET), LX = 0V (high FET)
10
µA
ILMAX
Peak Current Limit
7.8
A
RDSON1
PMOS On Resistance
29
50
m
RDSONTC2
NMOS On Resistance
25
m
RDSONTC
RDSON Tempco
0.2
m
/°C
ISTP
STP Pin Input Pull-down Current
VSTP = VIN/2
-4
2.5
µA
ISTN
STN Pin Input Pull-up Current
VSTN = VIN/2
2.5
4
µA
VPGP
Positive Power Good Threshold
With respect to target output voltage
6
14
%
VPGN
Negative Power Good Threshold
With respect to target output voltage
-14
-6
%
VPG_HI
Power Good Drive High
IPG = 1mA
2.6
V
VPG_LO
Power Good Drive Low
IPG = -1mA
0.5
V
VOVP
Output Overvoltage Protection
10
%
VFB
Output Initial Accuracy
ILOAD = 0A
0.79
0.8
0.81
V
VFB_LINE
Output Line Regulation
VIN = 3.3V, VIN = 10%, ILOAD = 0A
0.2
0.5
%
GMEA
Error Amplifier Transconductance
VCC = 0.65V
85
125
165
µs
VFB_TC
Output Temperature Stability
0°C < TA < 85°C, ILOAD = 3A
±1
%
FS
Switching Frequency
300
370
440
kHz
IFB
Feedback Input Pull-up Current
VFB = 0V
100
200
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com