Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP2681BGS Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2681BGS
Description  CC/CV Controller with Full Protection and Indication One Chip Solution for Power Tools Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2681BGS Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2681BGS Datasheet HTML 12Page - Monolithic Power Systems MP2681BGS Datasheet HTML 13Page - Monolithic Power Systems MP2681BGS Datasheet HTML 14Page - Monolithic Power Systems MP2681BGS Datasheet HTML 15Page - Monolithic Power Systems MP2681BGS Datasheet HTML 16Page - Monolithic Power Systems MP2681BGS Datasheet HTML 17Page - Monolithic Power Systems MP2681BGS Datasheet HTML 18Page - Monolithic Power Systems MP2681BGS Datasheet HTML 19Page - Monolithic Power Systems MP2681BGS Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MP2681B – CC/CV CONTROLLER WITH FULL PROTECTION
MP2681B Rev.1.0
www.MonolithicPower.com
16
12/22/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Power Supply
The MP2681B does not operate when VDD
voltage is under the UVLO threshold. The charge
starts to work when the output voltage is 200mV
higher than the battery voltage. Also, the
MP2681B integrates over-voltage protection on
VDD to protect the battery. When the power
supply is under the UVLO threshold (or
VBATT+200mV), and when the VDD voltage is
100mV/cell
over
the
battery-limit
value
(4.15V/cell), the power supply is detected as
invalid and the MP2681B turns off the external
power switch to stop charging.
Battery-Voltage Sense
BATT is used to sense the battery voltage. It is
connected to the positive output of the battery
pack. The MP2681B detects the battery voltage
through BATT to enable the correct charge
setting. During start-up (after the supply voltage
is above the UVLO threshold), the MP2681B
detects the battery voltage. If VBATT is lower than
1.0V/cell (dead or no battery) the MP2681B will
not start charging. This condition stays as long as
VBATT exceeds 1.0V/cell. If the battery voltage
detected is lower than 3.0V/cell, the MP2681B
goes into pre-charge mode and a fixed constant
current of 150mA will flow from BATT to the
battery pack to charge the battery. In pre-charge
mode, the external MOSFET stays off to cut off
the charge path; the output voltage is set at the
default 3.2V/cell. During normal charge operation
(if the battery is removed), the MP2681B detects
this condition through VBATT<1.0V/cell. The
MP2681B regulates the reference voltage to set
the flyback output to the default value of 10.8V. It
will never start charging unless VBATT is higher
than 1.0V/cell.
Fault Protection
FLT is an open-drain output, and it is pulled low
when a fault condition is assessed. Connect FLT
to the LDO output through a resistor. Under any
fault condition including NTC fault, timer out, and
ID fault, FLT is pulled low. Meanwhile, the
MP2681B pulls CCON high to cut off immediately
the flyback output from the battery and regulates
the reference voltage to set the flyback output to
the default 3.2V/cell.
Figure 6. Schematic plot of the output voltage at LEDG/LEDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com