Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP6506 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6506
Description  2.7V-to-15V, 500mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6506 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6506 Datasheet HTML 3Page - Monolithic Power Systems MP6506 Datasheet HTML 4Page - Monolithic Power Systems MP6506 Datasheet HTML 5Page - Monolithic Power Systems MP6506 Datasheet HTML 6Page - Monolithic Power Systems MP6506 Datasheet HTML 7Page - Monolithic Power Systems MP6506 Datasheet HTML 8Page - Monolithic Power Systems MP6506 Datasheet HTML 9Page - Monolithic Power Systems MP6506 Datasheet HTML 10Page - Monolithic Power Systems MP6506 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MP6506 –2.7V-TO-15V, 500mA, STEPPER MOTOR DRIVER
MP6506 Rev. 1.0
www.MonolithicPower.com
7
5/22/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN16
Pin #
Name
Description
1
PGNDA
Channel A Power Ground.
2
AOUT2
Connect to motor winding A.
3
BOUT2
Connect to motor winding B.
4
PGNDB
Channel B Power Ground.
5
BOUT1
Connect to motor winding B.
6
FAULT
Logic low when in over-temperature fault condition.
7
BIN1
Gate signal input to control BOUT1.
8
BIN2
Gate signal input to control BOUT2.
9
BST
Charge Pump Output. Connect a 10nF-to-100nF ceramic capacitor to VIN.
10
VIN
Power Supply Input. Ranges from 2.7V to 15V.
11
GND
Ground.
12
VDD
Internal control and logic supply voltage.
13
AIN2
Gate signal input to control AOUT2.
14
AIN1
Gate signal input to control AOUT1.
15
nSLEEP
Sleep Logic Input. Logic low for sleep mode and logic high to enable the device.
16
AOUT1
Connect to motor winding A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com