Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPAC-X Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 48Page - Infineon Technologies AG IPAC-X Datasheet HTML 49Page - Infineon Technologies AG IPAC-X Datasheet HTML 50Page - Infineon Technologies AG IPAC-X Datasheet HTML 51Page - Infineon Technologies AG IPAC-X Datasheet HTML 52Page - Infineon Technologies AG IPAC-X Datasheet HTML 53Page - Infineon Technologies AG IPAC-X Datasheet HTML 54Page - Infineon Technologies AG IPAC-X Datasheet HTML 55Page - Infineon Technologies AG IPAC-X Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
52
2003-01-30
3.3.2
S/T-Interface Multiframing
According to ITU recommendation I.430 a multi-frame provides extra layer 1 capacity in
the TE-to-NT direction by using an extra channel between the TE and NT (Q-channel).
The Q bits are defined to be the bits in the F
A bit position.
In the NT-to-TE direction the S-channel bits are used for information transmission. One
S channel (S1) out of five possible S-channels can be accessed by the IPAC-X.
In the NT-to-TE direction the S-channel bits are used for information transmission.
The S and Q channels are accessed via the µC interface or the IOM-2 MONITOR
channel, respectively, by reading/writing the SQR or SQX bits in the S/Q channel
registers (SQRRx, SQXRx).
Table 8 shows the S and Q bit positions within the multi-frame.
Table 8
S/Q-Bit Position Identification and Multi-Frame Structure
Frame Number
NT-to-TE
F
A Bit Position
NT-to-TE
M Bit
NT-to-TE
S Bit
TE-to-NT
F
A Bit Position
1
2
3
4
5
ONE
ZERO
ZERO
ZERO
ZERO
ONE
ZERO
ZERO
ZERO
ZERO
S11
S21
S31
S41
S51
Q1
ZERO
ZERO
ZERO
ZERO
6
7
8
9
10
ONE
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
S12
S22
S32
S42
S52
Q2
ZERO
ZERO
ZERO
ZERO
11
12
13
14
15
ONE
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
S13
S23
S33
S43
S53
Q3
ZERO
ZERO
ZERO
ZERO
16
17
18
19
20
ONE
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
ZERO
S14
S24
S34
S44
S54
Q4
ZERO
ZERO
ZERO
ZERO
1
2
ONE
ZERO
ONE
ZERO
S11
S21
Q1
ZERO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com