Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICM7211AMlPL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICM7211AMlPL
Description  4-Digit, LCD Display Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICM7211AMlPL Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICM7211AMlPL Datasheet HTML 1Page - Renesas Technology Corp ICM7211AMlPL Datasheet HTML 2Page - Renesas Technology Corp ICM7211AMlPL Datasheet HTML 3Page - Renesas Technology Corp ICM7211AMlPL Datasheet HTML 4Page - Renesas Technology Corp ICM7211AMlPL Datasheet HTML 5Page - Renesas Technology Corp ICM7211AMlPL Datasheet HTML 6Page - Renesas Technology Corp ICM7211AMlPL Datasheet HTML 7Page - Renesas Technology Corp ICM7211AMlPL Datasheet HTML 8Page - Renesas Technology Corp ICM7211AMlPL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ICM7211AM
FN3158 Rev 8.00
Page 3 of 9
October 22, 2015
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VDD - VSS) . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V
Input Voltage (Any Terminal) (Note 1) . . . VSS - 0.3V to VDD, + 0.3V
Operating Conditions
Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Thermal Resistance (Typical, Note 2)
JA (°C/W)
PDIP Package* . . . . . . . . . . . . . . . . . . . . . . . . . . . .
60
MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
70
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . .-65×°C to 150°C
Maximum Lead Temperature (Soldering, 10s) . . . . . . . . . . . . 300°C
*Pb-free PDIPs can be used for through hole wave solder process-
ing only. They are not intended for use in Reflow solder processing
applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Due to the SCR structure inherent in the CMOS process, connecting any terminal to voltages greater than VDD or less than VSS may cause
destructive device latchup. For this reason, it is recommended that no inputs from external sources not operating on the same power supply be
applied to the device before its supply is established, and that in multiple supply systems, the supply to the ICM7211AM be turned on first.
2.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CHARACTERISTICS
VDD = 5V 10%, TA = 25°C, VSS = 0V Unless Otherwise Specified
Operating Supply Voltage Range (VDD - VSS), VSUPPLY
356
V
Operating Current, IDD
Test circuit, Display blank
-
10
50
A
Oscillator Input Current, IOSCI
Pin 36
-
2
10
A
Segment Rise/Fall Time, tr, tf
CL = 200pF
-
0.5
-
s
Backplane Rise/Fall Time, tr, tf
CL = 5000pF
-
1.5
-
s
Oscillator Frequency, fOSC
Pin 36 Floating
-
19
-
kHz
Backplane Frequency, fBP
Pin 36 Floating
-
150
-
Hz
INPUT CHARACTERISTICS
Logical “1” Input Voltage, VIH
4-
-
V
Logical “0” Input Voltage, VIL
--
1
V
Input Leakage Current, IILK
Pins 27-34
-
0.01
1
A
Input Capacitance, ClN
Pins 27-34
-
5
-
pF
BP/Brightness Input Leakage, IBPLK
Measured at Pin 5 with Pin 36 at VSS
-
0.01
1
A
BP/Brightness Input Capacitance, CBPI
All Devices
-
200
-
pF
AC CHARACTERISTICS
Chip Select Active Pulse Width, tWL
Other Chip Select Either Held Active, or
Both Driven Together
200
-
-
ns
Data Setup Time, tDS
100
-
-
ns
Data Hold Time, tDH
10
0
-
ns
Inter-Chip Select Time, tICS
2-
-
s



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com