Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN1CS2 Datasheet(PDF) 4 Page - Vicor Corporation

Part # EN1CS2
Description  Component Power Front-end System for EN Compliance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

EN1CS2 Datasheet(HTML) 4 Page - Vicor Corporation

  EN1CS2 Datasheet HTML 1Page - Vicor Corporation EN1CS2 Datasheet HTML 2Page - Vicor Corporation EN1CS2 Datasheet HTML 3Page - Vicor Corporation EN1CS2 Datasheet HTML 4Page - Vicor Corporation EN1CS2 Datasheet HTML 5Page - Vicor Corporation EN1CS2 Datasheet HTML 6Page - Vicor Corporation EN1CS2 Datasheet HTML 7Page - Vicor Corporation EN1CS2 Datasheet HTML 8Page - Vicor Corporation EN1CS2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ENMODS™
Rev 3.3
vicorpower.com
Page 4 of 13
06/2017
800 927.9474
EN1xxx
C2
R4
C4
L2/N
L1
PE
L1
R3
L2
R1
R2
L3
C1
C3
F1
V1
N
L
PE
Input
Output
Vicor
Part
Description
Part Number
C1
1.0
02573
C2, C3
4,700pF (Y2 type)
01000
C4
0.33µF
00927
F1
10A Wickman 194 Series
or Bussman ABC-10
L1, L2
27µH
32012
L3
1.3mH
32006
R1, R2
10
R3
150k , 0.5W
R4
2.2 , 2W
V1
MOV
30076
CM
Figure 1b — Input EMI filter for EN55022, Level B compliance
Harmonic Current
0.01
0.10
1.00
10.00
23456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
Harmonic Number
Measured Values
Odd Harmonic Limits
Even Harmonic Limits
*
Figure 2 — Measured harmonic current at 230VAC, 575W vs. EN spec limits
*Measured values of even harmonics are below 0.01A
Operating Characteristics
Figure 1a — Offline Power Supply Configuration
FARM3
N
SR
L
+
BOK
ST
EN
–
MINI
HAM
N/+
L/–
Filter
AC line Input
EMI GND
L
N
+IN
PC
PR
–IN
+IN
PC
PR
–IN
Vicor 300VIN
DC-DC
Converter
R1
R2
C1
C2
D2
D1
C3
C5
C4
C6
F1
F2
To additional converters
Part
C1,2
C3 – 6
C7,8
C9,C10
R1,2
R3, R4
V1,2
V3
V5,V6
F1,2
D1,2
D3,D4
Description
Holdup capacitors
4,700pF (Y2 type)
Film Cap., 0.61
µF
0.001
µF
150k , 0.5W
250 , 0.125W
MOV 220V
270V MOV
Bidirectional TVS Diode
Use recommended fusing for
specific converters
Diode (1N4006)
1N5817
Vicor
Part Number
01000
34610
30234-220
30076
1.5KE51CA
00670
26108
Sizing PCB traces:
All traces shown in bold carry significant
current and should be sized accordingly.
Holdup Box (HUB)
410 F HUB820-S 1100 F
HUB2200-S
600 F HUB1200-S 1350 F
HUB2700-S
900 F HUB1800-S 1650 F
HUB3300-S
NC
NC
NC
NC
NC
N
N
L
L
PE
V1
V2
(Fig.1b)
C7
C8
Vicor 300VIN
DC-DC
Converter
N/+
L/–
V3
D3
C9
C10
D4
V5
V6
R3
R4
PE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com