Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EN1CS3 Datasheet(PDF) 8 Page - Vicor Corporation

Part # EN1CS3
Description  Component Power Front-end System for EN Compliance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

EN1CS3 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button EN1CS3 Datasheet HTML 4Page - Vicor Corporation EN1CS3 Datasheet HTML 5Page - Vicor Corporation EN1CS3 Datasheet HTML 6Page - Vicor Corporation EN1CS3 Datasheet HTML 7Page - Vicor Corporation EN1CS3 Datasheet HTML 8Page - Vicor Corporation EN1CS3 Datasheet HTML 9Page - Vicor Corporation EN1CS3 Datasheet HTML 10Page - Vicor Corporation EN1CS3 Datasheet HTML 11Page - Vicor Corporation EN1CS3 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ENMODS™
Rev 3.3
vicorpower.com
Page 8 of 13
06/2017
800 927.9474
EN1xxx
Application Note (Cont.)
Off-Line Power Supply Configuration
The ENMod system maintains the DC output bus voltage between
250 and 370VDC over the entire input voltage range, which is
compatible with all Vicor 300V input converters. Autoranging
automatically switches to the proper bridge or doubler mode at
startup depending on the input voltage, eliminating the possibility
of damage due to improper line connection. The ENMod system
is rated at 575W output power. These modules can serve as the
AC front-end for any number and combination of compatible
converters as long as the maximum power rating is not exceeded.
FARM3 Module Pin Descriptions (see Figures 1a, 18a and 18b)
Strap (ST) Pin: In addition to input and output power pin
connections, it is necessary to connect the Strap pin to the center
junction of the series hold-up capacitors (C1, C2) for proper
(autoranging) operation. Varistors V1 and V2 provide capacitor
protection. The bleeder resistors (R1, R2) discharge the hold-up
capacitors when power is switched off. Capacitors C7 and C8 are
recommended if the hold-up capacitors are located more than 3
inches (75mm) from the output pins.
Enable (EN) Pin: The Enable pin must be connected to the PC
or Gate-In pin of all converter modules to disable the converters
during power-up. Otherwise, the converters would attempt to
start while the hold-up capacitors are being charged through
the current limiting thermistor, preventing the bus voltage from
reaching the thermistor bypass threshold, thus disabling the
power supply. The Enable output (the drain of an N channel
MOSFET) is internally pulled up to 15V through a 150kΩ resistor.
(see Figure 11)
A signal diode should be placed close to and in series with the
PC or (Gate-In) pin of each converter to eliminate the possibility of
control interference between converters. The Enable pin switches
to the high state (15V) with respect to the SR pin to turn on the
converters after the power-up inrush is over. The Enable function
also provides input overvoltage protection for the converters by
turning off the converters if the DC bus voltage exceeds 400VDC.
The thermistor bypass switch opens if this condition occurs,
placing the thermistor in series with the input voltage, reducing
the bus voltage to a safe level while limiting input current in case
the varistors conduct. The thermistor bypass switch also opens if
a fault or overload reduces the bus voltage to less than 180VDC
(see Figure 9).
CAUTION: There is no input to output isolation in the ENMods, hence
the –Out of the ENMods and thus the –In of the downstream DC-DC
converter(s) are at a high potential. If it is necessary to provide an external
enable / disable function by controlling the DC-DC converter’s PC pin
(referenced to the –In) of the converter an opto-isolator or isolated relay
should be employed.
Bus-OK (BOK) Pin: (see Figure 12) The Bus-OK pin is intended
to provide early-warning power fail information and is also
referenced to the SR pin.
CAUTION: There is no input to output isolation in the ENMods. It is
necessary to monitor Bus-OK via an optoisolator if it is to be used on the
secondary (output) side of the converters. A line isolation transformer
should be used when performing scope measurements. Scope probes
should never be applied simultaneously to the input and output as this will
destroy the unit.
L, N Pins: Line and neutral input.
+, – Pins: Positive and negative outputs.
SR Pin: Signal return for BOK and EN outputs.
MiniHAM Module Pin (see Figures 1a, 18a, and 18b)
Filter (see Figure 1b)
The input EMI filter consists of differential and common mode
chokes, Y-rated capacitors (line-ground) and X-rated capacitors
(line-line). This filter configuration provides sufficient common
mode and differential mode insertion loss in the frequency
range between 100kHz and 30MHz to comply with the Level B
conducted emissions limit, as illustrated in Figures 8a thru 8c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com