Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL1902 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL1902
Description  Full-Featured, Dimmable AC Mains LED Driver with PFC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL1902 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL1902 Datasheet HTML 17Page - Renesas Technology Corp ISL1902 Datasheet HTML 18Page - Renesas Technology Corp ISL1902 Datasheet HTML 19Page - Renesas Technology Corp ISL1902 Datasheet HTML 20Page - Renesas Technology Corp ISL1902 Datasheet HTML 21Page - Renesas Technology Corp ISL1902 Datasheet HTML 22Page - Renesas Technology Corp ISL1902 Datasheet HTML 23Page - Renesas Technology Corp ISL1902 Datasheet HTML 24Page - Renesas Technology Corp ISL1902 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ISL1902
FN7981 Rev 2.00
Page 21 of 25
March 20, 2013
The linear amplifier may also be used to measure and scale the
LED current directly rather than using the differential current
sensing inputs, CS+ and CS-, that measure the switching current.
Amplifying the signal allows a smaller sensing resistor value for
improved efficiency. As shown in Figure 29, the voltage across
R4 is scaled by the linear amplifier with a gain of 1 + R2/R1.
Control Loop
The control loop configuration is user adjustable with selection of
the external compensation components. For applications
requiring power factor correction (PFC), a very low bandwidth
integrator is used, typically 20Hz or less. In other applications,
the control loop bandwidth can be increased as required, like any
other externally compensated voltage mode PWM controller.
The ISL1902 has two error amplifiers that share a common
non-inverting input and a common output. Each EA can sink
current, but has negligible sourcing capability. An external pull-up
resistor to VREF is required. This configuration causes the EA with
lowest output to be dominant. EA1 is the principal error amplifier
and is compensated externally for low bandwidth for PFC
applications. The downside to a low bandwidth amplifier is that it
cannot respond to input transients quickly. This is where the
second EA comes in. It can be configured for a much higher
bandwidth so that transient response is greatly improved. Under
normal operating conditions EA2 is not active. Its feedback
network is set for a higher output than EA1. When an input surge
occurs, EA1 cannot respond rapidly and the surge propagates to
the output. EA2 becomes active when its feedback voltage
exceeds the reference setpoint and acts to reduce the output
transient. The difference in setpoint is accomplished by
weighting the feedback networks to the EAs appropriately.
The voltage on IOUT is a scaled version of the CS+/CS-
differential signal, having been amplified by 4x. When averaged,
it is a scaled representation of the converter output current, IO.
By measuring IOUT in this manner, both average and
instantaneous inductor currents are known. The instantaneous
inductor current information informs the critical conduction
mode (CrCM) oscillator when the switching current has decayed
to zero.
Figure 30 shows a typical configuration for the control loop. The
sensing resistor RS determines the amplitude of the CS+ signal.
At maximum load this signal must be scaled to match the 0.5V
maximum reference. Since IOUT is 4x the amplitude of the CS+
signal, a simple resistor divider with filtering is required to scale
IOUT prior to connecting to the FB input.
where AIOUT is the IOUT buffer gain (nominally 4x), ADIVIDER is
the gain of the external resistor divider on IOUT (R2/(R1 + R2)),
VREF is the maximum reference level (0.5V), and IO is the
maximum output current. In most applications, RS will be sized
to minimize power dissipation while providing adequate signal
level. The minimum value of the IORS product is 125mV, required
to achieve 0.5V on IOUT.
FIGURE 28. SECOND LED STRING CONTROL
+
1
2
4
3
5
6
7
8
9
10
11
12
LO UT
LREF
LFB
LPO U T
REFIN
13
14
15
16
17
18
19
20
21
22
23
24
R3
R5
ISL1902
Q1
C1
FIGURE 29. DIRECT LED CURRENT SENSING
+
6
7
8
9
10
11
12
LOUT
LREF
LFB
FB1
13
14
15
16
17
18
19
R2
R4
ISL1902
R1
R3 = R1||R2
RS
VREF
AIOUT ADIVIDER IO

------------------------------------------------------------
=
(EQ. 29)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com